Electronic Components Datasheet Search
  English  ▼

X  

DB3 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # DB3
Description  SILICON BI-DIRECTIONAL DIACS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

DB3 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  DB3 Datasheet HTML 1Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB3, DB4
SILICON BI-DIRECTIONAL DIACS
VBR : 32 - 40 Volts
FEATURES :
* VBR : 32 V and 40 V
* Low breakover current
* Pb / RoHS Free
MECHANICAL DATA :
* Case:
DO-35 Glass Case
* Weight:
approx. 0.11g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Ta = 25 °C)
SYMBOL
UNIT
Minimum Breakover Voltage
VBR1 and VBR2 (Min.)
V
Typical Breakover Voltage
VBR1 and VBR2 (Typ.)
V
Maximum Breakover Voltage
VBR1 and VBR2 (Max.)
V
Maximum Breakover Current
I(BR)1 and I(BR)2
200
μA
Maximum Breakover Voltage Symmetry
[V(BR)1] - [V(BR)2]
3.8
V
Minimum Dynamic Breakback Voltage
∆I = [IBR to IF = 10 mA]
Maximum Peak Current at Ta = 50 °C
(10 μs duration, 120 cycle repetition rate)
Maximum Peak output Voltage at Ta = 50 °C **
eP
±3
V
Thermal Impedance Junction to Ambient
RӨJA
60
°C/W
Operating Junction Temperature Range
TJ
- 40 to + 100
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Page 1 of 1
Rev. 03: December 7, 2006
|
ΔV ± |
5.0
V
IP
±2
A
32
40
36
45
RATING
DB3
DB4
28
35
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
**CIRCUIT FOR PEAK OUTPUT VOLTAGE TEST
www.eicsemi.com


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
D32P EIC-D32P Datasheet
26Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
logo
New Jersey Semi-Conduct...
D32P NJSEMI-D32P Datasheet
82Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
Nantong Hornby Electron...
DB3 HORNBY-DB3 Datasheet
239Kb / 3P
BI-DIRECTIONAL DIACS
logo
EIC discrete Semiconduc...
D32 EIC-D32 Datasheet
112Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
D32P EIC-D32P_V01 Datasheet
51Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 03 : June 15, 2009
LLDB3 EIC-LLDB3 Datasheet
98Kb / 1P
SILICON BI-DIRECTIONAL DIACS
Rev. 00:November 12, 2009
SD32 EIC-SD32 Datasheet
57Kb / 1P
SURFACE MOUNT DIACS - BI-DIRECTIONAL TRIGGER
Rev. 02 : March 25, 2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com