Electronic Components Datasheet Search
  English  ▼

X  

D40P Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # D40P
Description  BI-DIRECTIONAL TRIGGER DIACS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

D40P Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  D40P Datasheet HTML 1Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D32P - D60P
BI-DIRECTIONAL TRIGGER DIACS
VBR : 32 - 60 Volts
FEATURES :
* High current capability
* High reliability
* Low leakage current
* Low power dissipation
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specifie.
SYMBOL
D32P
D35P
D40P
D50P
D60P
UNIT
Minimum Breakover Voltage
VBR(Min.)
27
30
35
42
50
Volts
Typical Breakover Voltage
VBR(Typ.)
32
35
40
50
60
Volts
Maximum Breakover Voltage
VBR(Max.)
37
40
45
58
70
Volts
Peak Pulse Current (Note 1)
ITRM
2.0
1.6
Amps.
Maximum Breakover Voltage Symmetry
[V(BR)1] - [V(BR)2]
3.0
4.0
Volts
Minimum Dynamic Breakback Voltage
|
ΔV ± |
5.0
8.0
10
Volts
Maximum Breakover Current
I(BR)1 & I(BR)2
100
μA
Power Dissipation @ Ta = 50
°C
PD
300
mW
Maximum Leakage Current
IB
10
μA
Junction Temperature Range
TJ
- 40 to + 100
°C
Storage Temperature Range
TSTG
- 40 to + 125
°C
Note :
(1) For 10
μs @ 120Hz repetition rate, Ta
≤ 40°C
Page 1 of 1
Rev. 03 : June 15, 2009
RATING
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.161 (4.1)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
www.eicsemi.com


Similar Part No. - D40P

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
D40P EIC-D40P Datasheet
26Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
New Jersey Semi-Conduct...
D40P NJSEMI-D40P Datasheet
335Kb / 1P
Silicon Power Tab Transistor
D40P NJSEMI-D40P Datasheet
82Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
Omron Electronics LLC
D40P OMRON-D40P Datasheet
2Mb / 13P
Hall Effect Coded Magnet Non-contact Safety Switches
12/16
D40P-8PMF-M12-02M OMRON-D40P-8PMF-M12-02M Datasheet
2Mb / 13P
Hall Effect Coded Magnet Non-contact Safety Switches
12/16
More results

Similar Description - D40P

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
DB310K WINGS-DB310K Datasheet
264Kb / 3P
BI-DIRECTIONAL TRIGGER DIODES
logo
EIC discrete Semiconduc...
D32P EIC-D32P Datasheet
26Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
Leshan Radio Company
DB-4 LRC-DB-4 Datasheet
48Kb / 4P
Bi-directional trigger diodes
DB-3 LRC-DB-3 Datasheet
55Kb / 4P
Bi-directional trigger diodes
logo
New Jersey Semi-Conduct...
D32P NJSEMI-D32P Datasheet
82Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
Nantong Hornby Electron...
DB3 HORNBY-DB3 Datasheet
239Kb / 3P
BI-DIRECTIONAL DIACS
logo
EIC discrete Semiconduc...
D32 EIC-D32 Datasheet
112Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
DB3 EIC-DB3 Datasheet
114Kb / 1P
SILICON BI-DIRECTIONAL DIACS
Rev. 03: December 7, 2006
LLDB3 EIC-LLDB3 Datasheet
98Kb / 1P
SILICON BI-DIRECTIONAL DIACS
Rev. 00:November 12, 2009
SD32 EIC-SD32 Datasheet
57Kb / 1P
SURFACE MOUNT DIACS - BI-DIRECTIONAL TRIGGER
Rev. 02 : March 25, 2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com