Electronic Components Datasheet Search
  English  ▼

X  

QPC3025 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPC3025
Description  High Power, SOI, SPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC3025 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPC3025 Datasheet HTML 1Page - Qorvo, Inc QPC3025 Datasheet HTML 2Page - Qorvo, Inc QPC3025 Datasheet HTML 3Page - Qorvo, Inc QPC3025 Datasheet HTML 4Page - Qorvo, Inc QPC3025 Datasheet HTML 5Page - Qorvo, Inc QPC3025 Datasheet HTML 6Page - Qorvo, Inc QPC3025 Datasheet HTML 7Page - Qorvo, Inc QPC3025 Datasheet HTML 8Page - Qorvo, Inc QPC3025 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
QPC3025
High Power, SOI, SPDT Switch
Datasheet, December 22, 2021 | Subject to change without notice
2 of 10
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-50
to 150 °C
VDD
+6 V
VCTRL
-0.3V to +6V
Pin, 80-2000 MHz
45.5 dBm
Pin, 2000-2700 MHz
45 dBm
Pin, 2700-4200 MHz
44 dBm
Operation of this device outside the parameter ranges given above
may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
VDD
+2.7
+5.0
+5.50
V
VSS, (Internal NVG disabled)
−5.5
−5.0
−3.15
V
Pin (RFC
– RFX), CW, 50 Ω
43
dBm
Pin Hot-Switching,
CW, 50 Ω
15
dBm
Pin (RFC
– RFX)
Pulsed with 10% DC
5ms period, 50
Ω
80-2000 MHz
45
dBm
2000-2700 MHz
44.5
dBm
2700-4200 MHz
43.5
dBm
TCASE
−40
+85
°C
Tj at MTTF>106 hrs
+125
°C
Electrical specifications are measured at specified test conditions. Specifications
are not guaranteed over all recommended operating conditions.
Electrical Specifications
Test conditions, unless otherwise noted: Temp = 25°C, VDD = +5V.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
30
4200
MHz
Insertion Loss (1)
30
– 1000 MHz
0.35
dB
1000
– 2000 MHz
0.35
dB
2000
– 3000 MHz
0.39
dB
3000
– 4200 MHz
0.41
dB
Isolation, RFC-RFX (1)
30
– 1000 MHz
46
dB
1000
– 2000 MHz
38.5
dB
2000
– 3000 MHz
35
dB
3000
– 4200 MHz
29
dB
Isolation, RFX-RFX (1)
30
– 1000 MHz
47.5
dB
1000
– 2000 MHz
40
dB
2000
– 3000 MHz
36
dB
3000
– 4200 MHz
30
dB
Return Loss, RFC
30
– 1000 MHz
33
dB
1000
– 2000 MHz
25
dB
2000
– 3000 MHz
23
dB
3000
– 4200 MHz
22
dB
Return Loss, RFX
30
– 1000 MHz
35
dB
1000
– 2000 MHz
25
dB
2000
– 3000 MHz
23
dB
3000
– 4200 MHz
25
dB
Input P0.1dB (2)
80
– 2000 MHz
+45.5
dBm
2000
– 2700 MHz
+45
dBm
2700
– 4200 MHz
+44
dBm
Input IP3
RFC-
RFX, 2000 MHz, 32dBm/tone, 1MHz Δf
74
dBm
Harmonics
2F0, F0 = 1GHz at +45dBm
Pulsed power (10% DC, 5ms period)
−90
dBc
3F0, F0 = 1GHz at +45dBm
Pulsed power (10% DC, 5ms period)
−87
dBc
Notes:
1. Production screening tests are done at 1000MHz and 2000MHz.
2.
This is just a linearity figure of merit. Refer to ‘Recommended Operating Conditions’ table for Pin levels



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com