Electronic Components Datasheet Search
  English  ▼

X  

QPC7335 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPC7335
Description  45MHz to 1002MHz Variable Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC7335 Datasheet(HTML) 3 Page - Qorvo, Inc

  QPC7335 Datasheet HTML 1Page - Qorvo, Inc QPC7335 Datasheet HTML 2Page - Qorvo, Inc QPC7335 Datasheet HTML 3Page - Qorvo, Inc QPC7335 Datasheet HTML 4Page - Qorvo, Inc QPC7335 Datasheet HTML 5Page - Qorvo, Inc QPC7335 Datasheet HTML 6Page - Qorvo, Inc QPC7335 Datasheet HTML 7Page - Qorvo, Inc QPC7335 Datasheet HTML 8Page - Qorvo, Inc QPC7335 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
QPC7335
Data Sheet Rev.E, October 22, 2021 | Subject to change without notice
3 of 13
www.qorvo.com
®
Parameter
Conditions (Vdd=5V, TMB=25°C, ZS=ZL=75)
Min
Typ
Max
Units
Control
Control Voltage (Vc) [3],
positive slope control gradient
MODE = 0V, minimum slope at Vc = 0V
0
1 to 3
5
V
Control Voltage (Vc) [3],
negative slope control gradient
MODE = 5V, minimum slope at Vc = 5V
0
2 to 4
5
V
Control Voltage 2 (Vc2) [3],
positive slope control gradient
MODE = 0V, minimum slope at Vc2 = 0V
0
4 to 12
20
V
Control Voltage 2 (Vc2) [3],
negative slope control gradient
MODE = 5V, minimum slope at Vc2 = 20V
0
8 to 16
20
V
MODE Pin Logic Low
0.4
V
MODE Pin Logic High
1
V
Notes:
1.
Slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2.
Flatness is defined as sum of positive and negative deviation from a straight line between gain at start frequency and gain at stop frequency.
3.
Either Vc or Vc2 can be used to set slope, internal 1:4 voltage divider between Vc and Vc2.
QPC7335 Slope vs. Frequency, typical
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
1200
Frequency [MHz]
0.7dB Slope
2dB Slope
4dB Slope
6dB Slope
8dB Slope
10dB Slope
12dB Slope
14dB Slope
16dB Slope
18dB Slope
20dB Slope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com