Electronic Components Datasheet Search
  English  ▼

X  

TQL9092 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TQL9092
Description  Ultra Low-Noise, Flat Gain LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9092 Datasheet(HTML) 2 Page - Qorvo, Inc

  TQL9092 Datasheet HTML 1Page - Qorvo, Inc TQL9092 Datasheet HTML 2Page - Qorvo, Inc TQL9092 Datasheet HTML 3Page - Qorvo, Inc TQL9092 Datasheet HTML 4Page - Qorvo, Inc TQL9092 Datasheet HTML 5Page - Qorvo, Inc TQL9092 Datasheet HTML 6Page - Qorvo, Inc TQL9092 Datasheet HTML 7Page - Qorvo, Inc TQL9092 Datasheet HTML 8Page - Qorvo, Inc TQL9092 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TQL9092
Ultra Low-Noise, Flat Gain LNA
Data Sheet July 21, 2020 | Subject to change without notice
2 of 12
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150°C
Supply Voltage (VDD)
+7 V
RF Input Power, CW, 50Ω, T=25°C
+33 dBm
RF Input Power, WCDMA, 10dB PAR
+27 dBm
RF Input Power, CW, OFF State
+33 dBm
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Supply Voltage (VDD)
3.3
5.0
5.25
V
TCASE
−40
+105
°C
Tj for >106 hours MTTF
+190
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Electrical Specifications
Test conditions unless otherwise noted:
VDD =+5V, Temp=+25°C, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
600
4200
MHz
Test Frequency
2600
MHz
Gain
21
22.6
24.5
dB
Gain Flatness
1500-3600MHz
2.0
dB
Input Return Loss
11
dB
Output Return Loss
17
dB
Noise Figure(1)
0.65
0.95
dB
Output P1dB
+19
dBm
Output IP3
Pout=+5
dBm/tone, Δf=1 MHz
+33
+37
dBm
Power Shutdown Control (pin 6)
On state
0
0.63
V
Off state (Power down)
1.17
VDD
V
Current, IDD
On state
45
65
85
mA
Off state (Power down)
3
mA
Shutdown pin current, ISD
VPD
≥ 1.17 V
140
µA
Switching Speed
LNA ON to OFF
583
ns
LNA OFF to ON
216
ns
Thermal Resistance, θjc
channel to case
48
°C/W
Note:
1) Noise figure data has input trace loss de-embedded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com