Electronic Components Datasheet Search
  English  ▼

X  

MAX31343 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX31343
Description  짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31343 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX31343 Datasheet HTML 17Page - Maxim Integrated Products MAX31343 Datasheet HTML 18Page - Maxim Integrated Products MAX31343 Datasheet HTML 19Page - Maxim Integrated Products MAX31343 Datasheet HTML 20Page - Maxim Integrated Products MAX31343 Datasheet HTML 21Page - Maxim Integrated Products MAX31343 Datasheet HTML 22Page - Maxim Integrated Products MAX31343 Datasheet HTML 23Page - Maxim Integrated Products MAX31343 Datasheet HTML 24Page - Maxim Integrated Products MAX31343 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Bit Read: At the end of a write operation, the master must release the SDA bus line for the proper amount of
setup time (see [[I2C Timing]]) before the next rising edge of SCL during a bit read. The device shifts out each
bit of data on SDA at the falling edge of the previous SCL pulse and the data bit is valid at the rising edge of the
current SCL pulse. Remember that the master generates all SCL clock pulses including when it is reading bits
from the slave.
Acknowledge (ACK and NACK): An acknowledge (ACK) or not acknowledge (NACK) is always the ninth bit
transmitted during a byte transfer. The device receiving data (the master during a read or the slave during a
write operation) performs an ACK by trans- mitting a 0 during the ninth bit. A device performs a NACK by
transmitting a 1 during the ninth bit. Timing for the ACK and NACK is identical to all other bit writes. An ACK is
the acknowledgment that the device is properly receiving data. A NACK is used to terminate a read sequence or
as an indication that the device is not receiving data.
Byte Write: A byte write consists of 8 bits of information transferred from the master to the slave (most significant
bit first) plus a 1-bit acknowledgment from the slave to the master. The 8 bits transmitted by the master are done
according to the bit write definition and the acknowledgment is read using the bit read definition.
Byte Read: A byte read is an 8-bit information transfer from the slave to the master plus a 1-bit ACK or NACK from
the master to the slave. The 8 bits of information that are transferred (most significant bit first) from the slave to the
master are read by the master using the bit read definition, and the master transmits an ACK using the bit write
definition to receive additional data bytes. The master must NACK the last byte read to terminate communication
so the slave returns control of SDA to the master.
Slave Address Byte: Each slave on the I2C bus responds to a slave address byte sent immediately following a
START condition. The slave address byte contains the slave address in the most significant 7 bits and the R/W
bit in the least significant bit. The device's slave address is D0h and cannot be modified by the user. When the
R/W bit is 0 (such as in D0h), the master is indicating it writes data to the slave. If R/W = 1 (D1h in this case), the
master is indicating it wants to read from the slave. If an incorrect slave address is written, the device assumes the
master is communicating with another I2C device and ignore the communication until the next START condition
is sent.
Memory Address: During an I2C write operation, the master must transmit a memory address to identify the
memory location where the slave is to store the data. The memory address is always the second byte transmitted
during a write operation following the slave address byte.
MAX31343
±5ppm, I2C Real-Time Clock with Integrated
MEMS Oscillator
www.analog.com
Analog Devices | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com