Electronic Components Datasheet Search
  English  ▼

X  

MAX32680 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX32680
Description  Ultra-Low-Power Arm Cortex-M4F with Precision Analog Front-End and Bluetooth LE 5.2
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32680 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX32680 Datasheet HTML 17Page - Maxim Integrated Products MAX32680 Datasheet HTML 18Page - Maxim Integrated Products MAX32680 Datasheet HTML 19Page - Maxim Integrated Products MAX32680 Datasheet HTML 20Page - Maxim Integrated Products MAX32680 Datasheet HTML 21Page - Maxim Integrated Products MAX32680 Datasheet HTML 22Page - Maxim Integrated Products MAX32680 Datasheet HTML 23Page - Maxim Integrated Products MAX32680 Datasheet HTML 24Page - Maxim Integrated Products MAX32680 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Electrical Characteristics—16-/24-Bit Δ-Σ ADC with PGA (continued)
(AVDD = +3.3V, REFP - REFN = AVDD, TA = TMIN to TMAX, unless otherwise noted. TA = +25°C for typical specifications, unless
otherwise noted. Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by
design and characterization. Specifications marked GBD are guaranteed by design and not production tested.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PGA Settling Time
After changing gain settings to Gain = 1,
CFILTER = 0
0.25
ms
After changing gain settings to Gain = 1,
CFILTER = 100nF
10
After changing gain settings to Gain =
128, CFILTER = 0
2
Input Multiplexer Power-
Up Time
Settled to 21 bits with 10pF load
2
µs
Input Multiplexer
Channel-to-Channel
Settling Time
Settled to 21 bits with 2kΩ external
source resistor
2
µs
VBIAS Power-Up Time
Active generator; settled within 1% of
final value; CLOAD = 1µF
10
ms
125K passive generator; settled within
1% of final value; CLOAD = 1µF
575
20K passive generator; settled within 1%
of final value; CLOAD = 1µF
90
VBIAS Settling Time
Active generator; settled within 1% of
final value; CLOAD = 1µF
10
ms
125K passive generator; settled within
1% of final value; CLOAD = 1µF
605
20K passive generator; settled within 1%
of final value; CLOAD = 1µF
100
Matched Current Source
Startup Time
110
µs
Matched Current Source
Settling Time
12.5
µs
MAX32680
Ultra-Low-Power Arm Cortex-M4F with Precision
Analog Front-End
and Bluetooth LE 5.2
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com