Electronic Components Datasheet Search
  English  ▼

X  

SBB3089Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # SBB3089Z
Description  50MHz to 6000MHz Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBB3089Z Datasheet(HTML) 4 Page - STMicroelectronics

  SBB3089Z Datasheet HTML 1Page - STMicroelectronics SBB3089Z Datasheet HTML 2Page - STMicroelectronics SBB3089Z Datasheet HTML 3Page - STMicroelectronics SBB3089Z Datasheet HTML 4Page - STMicroelectronics SBB3089Z Datasheet HTML 5Page - STMicroelectronics SBB3089Z Datasheet HTML 6Page - STMicroelectronics SBB3089Z Datasheet HTML 7Page - STMicroelectronics SBB3089Z Datasheet HTML 8Page - STMicroelectronics SBB3089Z Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SBB3089Z
50MHz to 6000MHz Gain Block
Data Sheet, June 8, 2021 | Subject to change without notice
4 of 9
www.qorvo.com
®
Typical Performance
– with Bias Tee
 
Test conditions unless otherwise noted: VS= +5.0V, VCC = +4.2 V, ICC = 42mA, RDC=20Ω, Temp= +25 °C , 50 Ω system.
Parameter
Typical Value
Units
Frequency
100
500
850
1950
2140
2400
3500
MHz
Gain
16.9
16.6
16.6
16.4
16.4
16.3
16.1
dB
Input Return Loss
24
26.5
24.5
21
20.5
20
15.5
dB
Output Return Loss
21.5
26
26
25.5
25.5
27.5
21
dB
Reverse Isolation
19.5
19
19.5
19.5
19.5
19.5
19.5
dB
Output P1dB
+15.6
+16
+15.6
+15.2
+15
+15.4
+15.2
dBm
OIP3 (1)
+29.5
+30.5
+30
+29.5
+29
+29.5
+27
dBm
Noise Figure
3.7
3.9
3.9
3.9
3.9
3.9
4
dB
Notes:
1. Pout = -5
dBm/tone, ∆f = 1 MHz
Performance Plots
– with Bias Tee
Test conditions unless otherwise noted: VS= +5.0V, VCC = +4.2 V, ICC = 42mA, RDC=20Ω, Temp= +25 °C , 50 Ω system.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com