Electronic Components Datasheet Search
  English  ▼

X  

STWA70N60DM6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STWA70N60DM6
Description  N-channel 600 V, 36 mΩ typ., 62 A, MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA70N60DM6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STWA70N60DM6 Datasheet HTML 2Page - STMicroelectronics STWA70N60DM6 Datasheet HTML 3Page - STMicroelectronics STWA70N60DM6 Datasheet HTML 4Page - STMicroelectronics STWA70N60DM6 Datasheet HTML 5Page - STMicroelectronics STWA70N60DM6 Datasheet HTML 6Page - STMicroelectronics STWA70N60DM6 Datasheet HTML 7Page - STMicroelectronics STWA70N60DM6 Datasheet HTML 8Page - STMicroelectronics STWA70N60DM6 Datasheet HTML 9Page - STMicroelectronics STWA70N60DM6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Figure 7. Capacitance variations
GADG081020181655CVR
10 4
10 3
10 2
10 1
10 -1
10 0
10 1
10 2
C
(pF)
VDS (V)
CISS
COSS
CRSS
f = 1 MHz
Figure 8. Coss stored energy vs VDS
GADG081020181656EOS
40
32
24
16
8
0
0
100 200 300 400 500 600
VDS (V)
E
(μJ)
Figure 9. Normalized gate threshold voltage vs
temperature
GADG081020181654VTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
Tj (°C)
ID = 250 µA
Figure 10. Normalized on-resistance vs temperature
GADG081020181654RON
2.5
2.0
1.5
1.0
0.5
-75
-25
25
75
125
RDS(on)
(norm.)
Tj (°C)
VGS = 10 V
0.0
Figure 11. Normalized V(BR)DSS vs temperature
GADG081020181655BDV
1.10
1.05
1.00
0.95
0.90
0.85
-75
-25
25
75
125
V(BR)DSS
(norm.)
Tj (°C)
ID = 1 mA
Figure 12. Source-drain diode forward characteristics
GADG081020181655SDF
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0
10
20
30
40
50
60
VSD
(V)
ISD (A)
Tj = -50 °C
Tj = 25°C
Tj = 150 °C
STW70N60DM6, STWA70N60DM6
Electrical characteristics (curves)
DS12274 - Rev 4
page 6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com