Electronic Components Datasheet Search
  English  ▼

X  

MAX20480 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20480
Description  Four- to Seven-Input Automotive Power-System Monitor Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20480 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20480 Datasheet HTML 1Page - Maxim Integrated Products MAX20480 Datasheet HTML 2Page - Maxim Integrated Products MAX20480 Datasheet HTML 3Page - Maxim Integrated Products MAX20480 Datasheet HTML 4Page - Maxim Integrated Products MAX20480 Datasheet HTML 5Page - Maxim Integrated Products MAX20480 Datasheet HTML 6Page - Maxim Integrated Products MAX20480 Datasheet HTML 7Page - Maxim Integrated Products MAX20480 Datasheet HTML 8Page - Maxim Integrated Products MAX20480 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Electrical Characteristics (continued)
(VDD = 3.3V, TA = TJ = -40°C to +125°C, unless otherwise noted, Typical values are at TA = 25°C under normal conditions unless
otherwise noted., )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OV/UV Threshold
Range
2.5
10
%
OV/UV Threshold
Resolution
0.5%/step
4
Bits
OV/UV Threshold
Accuracy
(IN1 through IN4) ≥ 1.0V. Factory-
trimmed
thresholds.
-1
1
%
(IN1 through IN4) < 1.0V. Factory-
trimmed thresholds.
-10
10
mV
OFF Threshold
VOFF
(IN1 through IN4) voltage falling
0.23
0.25
0.27
V
(IN1 through IN4) voltage rising
0.28
0.3
0.32
UV Comparator Filter
Time
tUV
2% below threshold
5
µs
OV Comparator Filter
Time
tOV
2% above threshold
5
µs
IN5
Input Current
IIN5
VIN5 ≤ 5V
1.5
2.3
µA
Set-Point Range
0.5
5.5
V
Set-Point Resolution
20mV/step
8
Bits
OV/UV Threshold
Resolution
0.5%/step
4
Bits
OV/UV Threshold
Accuracy
IN5 ≥ 1.0V. Factory-trimmed thresholds.
-1
1
%
IN5 < 1.0V. Factory-trimmed thresholds.
-10
10
mV
OFF Threshold
VOFF
IN5 voltage falling
0.23
0.25
0.27
V
IN5 voltage rising
0.28
0.3
0.32
UV Comparator Filter
Time
tUV
2% below threshold
5
µs
OV Comparator Filter
Time
tOV
2% above threshold
5
µs
OV/UV Threshold
Range
2.5
10
%
IN6P-IN7P, INM
INM Range
VINM
-0.1
0.1
V
Input Current
IIN_
VIN_ ≤ 1.8V
1.4
2.2
µA
Set-Point Range
Relative to INM
0.5
1.775
V
Set-Point Resolution
5mV/step
8
Bits
Set-Point Accuracy
(IN6P, IN7P) ≥ 1.0V
-1
1
%
(IN6P, IN7P) < 1.0V
-10
10
mV
MAX20480
Four- to Seven-Input Automotive Power-System
Monitor Family
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com