Electronic Components Datasheet Search
  English  ▼

X  

MAX25014 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX25014
Description  Automotive Low Input Voltage I2C 4-Channel 150mA Backlight Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25014 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX25014 Datasheet HTML 17Page - Maxim Integrated Products MAX25014 Datasheet HTML 18Page - Maxim Integrated Products MAX25014 Datasheet HTML 19Page - Maxim Integrated Products MAX25014 Datasheet HTML 20Page - Maxim Integrated Products MAX25014 Datasheet HTML 21Page - Maxim Integrated Products MAX25014 Datasheet HTML 22Page - Maxim Integrated Products MAX25014 Datasheet HTML 23Page - Maxim Integrated Products MAX25014 Datasheet HTML 24Page - Maxim Integrated Products MAX25014 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Hybrid Dimming Operation
ISET_
CURRENT
DIM DUTY-CYCLE OR TONH__[17:0] SETTING
50%
100%
75%
25%
0%
ISET_
CURRENT/4
Figure 1. Hybrid Dimming Operation with HDIM[1:0] = 10 (25%)
Hybrid Dimming Operation Modes
DIM
OUT1
CURRENT
OUT2
CURRENT
DIM
OUT1
CURRENT
OUT2
CURRENT
HYBRID EXTERNAL DIMMING AT 75%
EXTERNAL PWM DIMMING AT 75%
DIM
OUT1
CURRENT
OUT2
CURRENT
HYBRID EXTERNAL, DIMMING AT 25% (HDIM_THR[1:0]=11)
50% OF ISET_
CURRENT
75% OF ISET_
CURRENT
NOTE: ONLY TWO OF FOUR OUTPUT CHANNELS SHOWN
DIM
OUT1
CURRENT
OUT2
CURRENT
EXTERNAL PWM DIMMING AT 25%
Figure 2. Hybrid Dimming Operation Modes
MAX25014
Automotive Low Input Voltage I2C 4-Channel
150mA Backlight Driver
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com