Electronic Components Datasheet Search
  English  ▼

X  

SPC570S-DISP Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC570S-DISP
Description  SPC570S-DISP Discovery evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S-DISP Datasheet(HTML) 1 Page - STMicroelectronics

  SPC570S-DISP Datasheet HTML 1Page - STMicroelectronics SPC570S-DISP Datasheet HTML 2Page - STMicroelectronics SPC570S-DISP Datasheet HTML 3Page - STMicroelectronics SPC570S-DISP Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
April 2016
DocID028955 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
SPC57S-Discovery
SPC570S-DISP Discovery+ evaluation board
Data brief
Features
The SPC570S50Ex 32-bit CPU implements
two e200z0h processor cores:
Core_0 - Main core (80MHz)
Core_0s
– Checker (safety)
On-board USB-JTAG PLS debugger and
HW selection mode to use it or a third party
JTAG debuggers.
256 kByte code size limited debugging free
of charge evaluation license included.
Board power supply through the USB bus
(5 V supply voltage) or external +12 V PSU.
User push buttons and LEDs
Reset button
2 potentiometers for ADC evaluation
Extension headers (4x37 pin - 100 mil) for all
device pins and for quick connection to
prototyping expansion boards, additional
modules and evaluation probing.
JTAG interface (2x7 male 100mil)
USB port (mini - B)
40 MHz crystal
Board size 105 x 150mm
Description
The SPC57S-Discovery board helps you to
discover SPC57 S Line Power Architecture®
Microcontrollers with full access to CPUs, I/O
signals and peripherals such as CAN, UART,
JTAG, K-Line, LIN at budget price. Free ready-to-
run application firmware examples are available
inside SPC5Studio to support quick evaluation
and development. SPC5Studio includes visual
configurable code generation engine, board
support package (BSP), startup routines,
interrupt services, free RTOS (optional) and a full
set of low level drivers. SPC5Studio includes a
free GCC compiler. SPC5Studio is available for
free download. The SPC57 S Line is designed to
address all Automotive Applications but as well
industrial safety oriented applications.The
SPC570S devices feature specific functions to
make automotive applications with integrity level
up to ASIL-D of ISO 26262. An E2E Community
is available on ST WEB.
Table 1: Device summary
Order code
Reference
SPC570S-DISP
SPC57S-Discovery with
SPC570S50E1


Similar Part No. - SPC570S-DISP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC570S40E1 STMICROELECTRONICS-SPC570S40E1 Datasheet
1Mb / 68P
Single issue 4-stage pipeline in-order execution core
23-Sep-2015
SPC570S40E1 STMICROELECTRONICS-SPC570S40E1 Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E1BXXXR STMICROELECTRONICS-SPC570S40E1BXXXR Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E1BXXXY STMICROELECTRONICS-SPC570S40E1BXXXY Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E1CXXXR STMICROELECTRONICS-SPC570S40E1CXXXR Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
More results

Similar Description - SPC570S-DISP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY Datasheet
245Kb / 4P
SPC560B-DIS Discovery evaluation board
July 2015 Rev 3
SPC58NH-DISP STMICROELECTRONICS-SPC58NH-DISP Datasheet
538Kb / 7P
SPC58 H Line Discovery Board
13-Mar-2020
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY_V01 Datasheet
132Kb / 4P
SPC56EL70L5DISP: Discovery evaluation board
01-Aug-2018
SPC58NG-DISP STMICROELECTRONICS-SPC58NG-DISP Datasheet
327Kb / 5P
SPC58NG-DISP Discovery evaluation board
04-Jul-2019
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
SPC584B-DIS Discovery Board
15-Apr-2020
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY_V01 Datasheet
100Kb / 4P
SPC560B-DIS Discovery evaluation board
September 2018
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY_V01 Datasheet
134Kb / 6P
SPC560P-DISP: Discovery evaluation board
August 2018
SPC572L-DISP STMICROELECTRONICS-SPC572L-DISP Datasheet
113Kb / 4P
SPC572L-DISP Discovery board
19-Nov-2018
SPC574S-DISP STMICROELECTRONICS-SPC574S-DISP Datasheet
2Mb / 7P
SPC574S-DISP – Discovery Board
12-Aug-2019
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
SPC584B-DISP Discovery Board
02-Mar-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com