Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IPC002V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPC002V1
Description  Thermal printer-based parking ticket vending machine
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPC002V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPC002V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPC002V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPC002V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPC002V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IPC002V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IPC002V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IPC002V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
March 2010
Doc ID 17204 Rev 1
1/7
7
STEVAL-IPC002V1
Thermal printer-based parking ticket vending machine
Features
■ Based on the STM32 microcontroller
■ Thermal printer is interfaced through SPI2.
■ Stepper motor driver interfaced through SPI1
used to rotate the printer head while printing
■ S-Touch™ based keypad available for user
interface. S-Touch controller device is
interfaced through I2C2. Keypad used to enter
vehicle number, setting date, time, etc.
■ LED indicators for battery status
■ On-board JTAG connector for firmware
upgrade and changes
■ Alphanumeric LCD displays the numbers or
settings entered through the S-Touch keypad
■ SPDT switch to turn unit on and off
■ Push-button switch for system reset
■ Rechargeable battery circuit available
■ System can be powered by DC adaptor (9 V,
2.5 A) or batteries (two 3.7 V, 1.8 Ah rated
batteries)
■ Thermistor monitors the temperature of the
thermal head.
■ The STM32’s built-in RTC (real-time clock)
provides date and time of printing
■ EEPROM interfaced through I2C1 stores last
20 vehicle numbers
■ RoHS compliant
Description
The STEVAL-IPC002V1demonstration board is a
battery-operated hand-held parking ticket vending
machine system with a thermal printer interfaced
with the STM32.
The objective of this demonstration is to generate
and print parking tickets for different types of
vehicles. The system can be easily modified for
other applications that require paper printing
directly from the microcontroller, such as PoS-
based applications, railway/bus ticket printing and
stand-alone printers.
STEVALI-IPC002V1
www.st.com


Similar Part No. - STEVAL-IPC002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
Smartcard manager for reader and writer
01-Sep-2008
STEVAL-IPC003V1 STMICROELECTRONICS-STEVAL-IPC003V1 Datasheet
117Kb / 5P
Adapter board (daughter board for the STM3210C_EVAL) for a thermal printer based on the L293DD
August 2010
STEVAL-IPC004V1 STMICROELECTRONICS-STEVAL-IPC004V1 Datasheet
413Kb / 14P
Handheld point-of-sale (POS) based on the STM32F107VC
October 2012 Rev 1
More results

Similar Description - STEVAL-IPC002V1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
2??HIGH SPEED THERMAL PRINTER
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
2??HIGH SPEED THERMAL PRINTER
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
Portable Thermal Printer
logo
fujitsu semiconductor
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
FUJITSU THERMAL PRINTER
FTP-639USL100-R FUJITSU-FTP-639USL100-R Datasheet
693Kb / 10P
24V driven receipt, ticket printer 3??KIOSK printer unit
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
T2212 TEC-T2212 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
logo
PHOENIX CONTACT
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
Thermal transfer printer - THERMOMARK PRIME
02/04/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com