Electronic Components Datasheet Search
  English  ▼

X  

STPS2170 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2170
Description  170 V, 2 A power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2170 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2170_V01 Datasheet HTML 1Page - STMicroelectronics STPS2170_V01 Datasheet HTML 2Page - STMicroelectronics STPS2170_V01 Datasheet HTML 3Page - STMicroelectronics STPS2170_V01 Datasheet HTML 4Page - STMicroelectronics STPS2170_V01 Datasheet HTML 5Page - STMicroelectronics STPS2170_V01 Datasheet HTML 6Page - STMicroelectronics STPS2170_V01 Datasheet HTML 7Page - STMicroelectronics STPS2170_V01 Datasheet HTML 8Page - STMicroelectronics STPS2170_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Figure 7. Forward voltage drop versus forward current
(typical values)
0.01
0.10
1.00
10.00
0.0
0.1
0.2
0.3
0.7
0.8
0.9
1.0
0.4
0.5
0.6
360°
α
IF(A)
T
j
= 125 °C
VF(V)
T
j
= 25 °C
Figure 8. Forward voltage drop versus forward current
(maximum values)
0.01
0.10
1.00
10.00
0.0 0.1 0.2 0.3 0.4 0.5
0.6 0.7 0.8 0.9 1.0 1.1
360°
α
IF(A)
T
j
= 125 °C
VF(V)
T
j
= 25 °C
Figure 9. Thermal resistance junction to ambient versus copper surface under each lead (SMA Flat, SMA
Flat Notch)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S(Cu)(cm²)
Epoxy printed circuit board FR4, copper thickness: 35 µm
SMA Flat Notch
SMA Flat
STPS2170
Characteristics (curves)
DS10644 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com