Electronic Components Datasheet Search
  English  ▼

X  

STPSC6H065DLF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC6H065DLF
Description  650 V power Schottky silicon carbide diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H065DLF Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC6H065DLF Datasheet HTML 1Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 2Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 3Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 4Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 5Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 6Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 7Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 8Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•
Less than 1 mm height package
•
High creepage package
•
No or negligible reverse recovery
•
Temperature independent switching behavior
•
High forward surge capability
•
Low drop forward voltage
•
Power efficient product
•
ECOPACK2 compliant component
Applications
•
Switch mode power supply
•
Boost PFC
•
Bootstrap diode
•
LLC clamping function
•
High frequency inverter applications
Description
This 6 A, 650 V, SiC diode is an ultra-high performance power Schottky diode. It is
manufactured using a silicon carbide substrate. The wide band gap material allows
the design of a Schottky diode structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and ringing patterns are negligible. The
minimal capacitive turn-off behavior is independent of temperature.
Qualified in low profile package, the STPSC6H065DLF in PowerFLAT 8x8 HV,
enables low drop forward voltage associated to high surge capabilities in low space
environment such as telecom and network, industrial or renewable energy domains.
Product status link
STPSC6H065DLF
Product summary
Symbol
Value
IF(AV)
6 A
VRRM
650 V
VF(typ.)
1.38 V
T j(max.)
175 °C
Product label
650 V power Schottky silicon carbide diode
STPSC6H065DLF
Datasheet
DS12820 - Rev 2 - March 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC6H065DLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H065D STMICROELECTRONICS-STPSC6H065D Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC6H065DI STMICROELECTRONICS-STPSC6H065DI Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
More results

Similar Description - STPSC6H065DLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC16H065C STMICROELECTRONICS-STPSC16H065C Datasheet
170Kb / 8P
650 V power Schottky silicon carbide diode
December 2015 Rev 5
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
650 V power Schottky silicon carbide diode
31-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com