Electronic Components Datasheet Search
  English  ▼

X  

538022 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 538022
Description  Precision pressure regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

538022 Datasheet(HTML) 1 Page - Festo Corporation.

  538022 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Precision pressure regulator
MS6-LRP-1/2-D4-A8
Part number: 538022
Data sheet
Feature
Value
Size
6
Series
MS
Actuator lock
Rotary knob with detent
Mounting position
Any
Structural design
Pilot-controlled precision diaphragm regulator
Controller function
Outlet pressure constant
With secondary exhausting
Symbol
00991540
Pressure gauge
G1/8 prepared
Operating pressure
0.1 MPa ... 1.4 MPa
Operating pressure
1 bar ... 14 bar
Pressure regulation range
0.05 bar ... 2.5 bar
Max. pressure hysteresis
0.02 bar
Flow rate of secondary venting
≥450 l/min
Standard nominal flow rate
≥2300 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-10 °C ... 60 °C
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
1000 g
Type of mounting
Optionally:
Front panel mounting
Line installation
With accessories
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Pneumatic connection 3
G1/4
Note on materials
Free of copper and PTFE
RoHS-compliant
Seals material
NBR
Housing material
Aluminum
3/18/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 538022

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
538020 FESTO-538020 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538023 FESTO-538023 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538024 FESTO-538024 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538026 FESTO-538026 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538029 FESTO-538029 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
More results

Similar Description - 538022

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
534988 FESTO-534988 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
534990 FESTO-534990 Datasheet
91Kb / 1P
Precision pressure regulator
3/18/22
534993 FESTO-534993 Datasheet
91Kb / 1P
Precision pressure regulator
3/18/22
534994 FESTO-534994 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538008 FESTO-538008 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538016 FESTO-538016 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538030 FESTO-538030 Datasheet
93Kb / 1P
Precision pressure regulator
3/18/22
538038 FESTO-538038 Datasheet
93Kb / 1P
Precision pressure regulator
3/18/22
538039 FESTO-538039 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538051 FESTO-538051 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com