Electronic Components Datasheet Search
  English  ▼

X  

XACA211 Datasheet(PDF) 2 Page - Schneider Electric

Part # XACA211
Description  Harmony XAC, Pendant control station, plastic, yellow, pistol grip, 2 booted push buttons with 1 NO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XACA211 Datasheet(HTML) 2 Page - Schneider Electric

  XACA211 Datasheet HTML 1Page - Schneider Electric XACA211 Datasheet HTML 2Page - Schneider Electric XACA211 Datasheet HTML 3Page - Schneider Electric XACA211 Datasheet HTML 4Page - Schneider Electric XACA211 Datasheet HTML 5Page - Schneider Electric XACA211 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Overvoltage category
Class II IEC 61140
IP degree of protection
IP65 conforming to IEC 60529
IK degree of protection
IK08 EN 50102
Mechanical durability
1000000 cycles
Cable entry
Rubber sleeve with stepped entry 0.28…0.59 in (7…15 mm)
Contact code designation
A600 AC-15, Ue = 240 V, Ie = 3 A IEC 60947-5-1 appendix A
A600 AC-15, Ue = 600 V, Ie = 1.2 A IEC 60947-5-1 appendix A
Q600 DC-13, Ue = 250 V, Ie = 0.27 A IEC 60947-5-1 appendix A
Q600 DC-13, Ue = 600 V, Ie = 0.1 A IEC 60947-5-1 appendix A
[Ithe] conventional enclosed
thermal current
10 A
[Ui] rated insulation voltage
600 V 3)IEC 60947-1
[Uimp] rated impulse withstand
voltage
6 kV IEC 60947-1
Contact operation
Slow-break
Maximum resistance across
terminals
25 MOhm
Operating force
13…15 N
Short-circuit protection
10 A fuse protection cartridge gG
Rated operational power in W
40 W DC-13 1000000 cycles 60 cyc/mn 120 V 0.5 inductive IEC 60947-5-1 appendix C
48 W DC-13 1000000 cycles 60 cyc/mn 48 V 0.5 inductive IEC 60947-5-1 appendix C
65 W DC-13 1000000 cycles 60 cyc/mn 24 V 0.5 inductive IEC 60947-5-1 appendix C
Terminals description ISO n°1
(13-14)NO
Terminal identifier
(11-12)NC
(13-14)NO
Ordering and shipping details
Category
22473-PUSHBUTTON, PENDANTS
Discount Schedule
CS2
GTIN
3389110644814
Nbr. of units in pkg.
1
Package weight(Lbs)
9.42 oz (267 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.36 in (6 cm)
Package 1 width
3.74 in (9.5 cm)
Package 1 Length
11.81 in (30 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
6
Package 2 Weight
4.20 lb(US) (1.905 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
2
Mar 21, 2022



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com