Electronic Components Datasheet Search
  English  ▼

X  

R2M Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # R2M
Description  AVALANCHE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

R2M Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  R2M Datasheet HTML 1Page - EIC discrete Semiconductors R2M Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R2M
AVALANCHE DIODE
VRM : 130 Volts
IZSM : 1.0 Amp. ( 100
µs )
FEATURES :
* 600 W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less
than 1.0 ps from 0 volts to BV min.
* Low Leakage < 5.0
µA above 10 V.
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-15 Molded plastic
* Epoxy : UL94V-0 rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
VALUE
UNIT
Peak Power Dissipation at TP = 1 ms (Note 1)
Ppk
Minimum 600
W
Steady State Power Dissipation at TL = 75
°C
Lead Lengths 0.375" , (9.5mm) (Note 2 )
PD
5.0
W
Working Peak Reverse Voltage (Stand-off Voltage)
VRWM
130
V
Minimum Avalanche Breakdown Voltage at IT = 1mA (Note 3)
VBR(min)
135
V
Maximum Avalanche Breakdown Voltage at IT = 1mA (Note 3)
VBR(max)
180
V
Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method) (Note 4)
Maximum Reverse Leakage at Working Peak Reverse Voltage
IR
5.0
µA
Maximum Non-Repetitive Peak Reverse Surge Current
IRSM
2.6
A
Maximum Reverse Voltage (Clamping Voltage) at IRSM
VRSM
234
V
Maximum Voltage Temperature Variation of Breakdown Voltage
175
mV/
°C
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Non-Repetitive Current Pulse and Surge Current Waveform, per Fig. 6 and Derated above Ta = 25
°C per Fig. 1.
(2) Mounted on Copper Leaf area pf 1.57 in
2 (40 mm2)
(3) VBR measured after IT applied for 300
µs, IT = Square Wave Pulse or equivalent.
(4) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum.
Page 1 of 2
Rev. 03 : February 28, 2014
RATING
IFSM
75
A
DO-15
Dimensions in inches and ( millimeters )
0.300 (7.6)
0.230 (5.8)
0.142 (3.6)
0.102 (2.6)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
www.eicsemi.com


Similar Part No. - R2M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
R2M SANKEN-R2M Datasheet
12Kb / 1P
Avalanche Diodes
logo
Shanghai Sunrise Electr...
R2M SSE-R2M Datasheet
13Kb / 1P
OVER VOLTAGE PROTACTION DIODE
logo
List of Unclassifed Man...
R2M ETC-R2M Datasheet
12Kb / 1P
Avalanche Diodes
logo
Shenzhen Luguang Electr...
R2M LUGUANG-R2M Datasheet
197Kb / 1P
Over Vlotage Protaction Diodes
R2M LUGUANG-R2M Datasheet
197Kb / 1P
Over Vlotage Protaction Diodes
More results

Similar Description - R2M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
R2K EIC-R2K Datasheet
45Kb / 2P
AVALANCHE DIODE
logo
Semikron International
SKNA402 SEMIKRON-SKNA402 Datasheet
602Kb / 3P
Avalanche Diode
SKNA202 SEMIKRON-SKNA202 Datasheet
587Kb / 3P
Avalanche Diode
SKNA4 SEMIKRON-SKNA4 Datasheet
328Kb / 3P
Avalanche Diode
SKNA20 SEMIKRON-SKNA20_10 Datasheet
462Kb / 3P
Avalanche Diode
SKNA22 SEMIKRON-SKNA22_08 Datasheet
636Kb / 3P
Avalanche Diode
logo
Dynex Semiconductor
DRA170E44 DYNEX-DRA170E44_15 Datasheet
820Kb / 7P
Avalanche Diode
logo
IXYS Corporation
DSA1 IXYS-DSA1 Datasheet
112Kb / 1P
Avalanche Diode
logo
EIC discrete Semiconduc...
AD600V EIC-AD600V Datasheet
49Kb / 1P
AVALANCHE DIODE
Rev. 02 : March 25, 2005
R2KS EIC-R2KS_V01 Datasheet
141Kb / 2P
AVALANCHE DIODE
Rev. 03:February 28, 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com