Electronic Components Datasheet Search
  English  ▼

X  

PS65M Datasheet(PDF) 2 Page - RRC power solutions Ltd.

Part # PS65M
Description  Power Supply AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

PS65M Datasheet(HTML) 2 Page - RRC power solutions Ltd.

  PS65M Datasheet HTML 1Page - RRC power solutions Ltd. PS65M Datasheet HTML 2Page - RRC power solutions Ltd. PS65M Datasheet HTML 3Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
PS65M
DS_PS65M_E
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
2 / 3
Specification
Input
Voltage
100.00 to 240.00VAC ±10%, 50-60Hz
Current
1.60A max.
Standby power
< 0.21W @ no load
Output
Voltage
19.00VDC ± 5%; Ripple < 190mVpk-pk
Power
65.00W max.
Current
3.43A max.
Protection
Short circuit, over-voltage, over-current
Environmental
Operation:
Storage:
Ambient temperature
0°C to 40°C
-20°C to 80°C
Pressure & Altitude
1060hPa to 540hPa
-382m to 5000m
1060hPa to 540hPa
-382m to 5000m
Humidity (non-condensing)
20 to 80% r.H.
10 to 90% r.H.
Mechanical Details
Housing dimensions (LxWxH)
119 x 60 x 36mm, without cables and connectors
Output cable length
1500mm ±30.00mm
Weight
310g, without input cable
AC input socket
IEC 320 C8 Type
Output connector
DC barrel jack, 5.5 x 2.5 x 11mm
General
Efficiency
California's Energy Efficiency Level VI
Cooling
Convection cooled
Green procurement
RoHS 2011/65/EU + 2015/863/EU
REACH 1907/2006
WEEE 2012/19/EU
MTBF
300,000h at 25°C ambient
Safety & EMC
Regulatory approvals
Europe, USA & Canada
Japan
ANSI/AAMI/IEC/EN ES60601-1:2012
(60601 edition 3.1)
Means of Protection: 2x MOPP
UL recognized
PSE Jet
EMC
Europe, USA, United Kingdom, Morocco
CE, FCC, UKCA, CMIM
IEC 60601-1-2:2014 (edition 4.0)
The EMC assessment shall be
conducted for the end system
configuration.
Energy efficiency
CEC, DoE Level VI
Recommended Accessories
Type
Product
P/N
Application
2-pol AC-Cable
EU-Version
US-Version
201496
201497
Country specific power cables



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com