Electronic Components Datasheet Search
  English  ▼

X  

110197 Datasheet(PDF) 2 Page - RRC power solutions Ltd.

Part # 110197
Description  Standard battery charger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

110197 Datasheet(HTML) 2 Page - RRC power solutions Ltd.

  110197 Datasheet HTML 1Page - RRC power solutions Ltd. 110197 Datasheet HTML 2Page - RRC power solutions Ltd. 110197 Datasheet HTML 3Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
Technical Data Sheet
RRC-SBC2037
RRC-SMB-MBC
DS_RRC-SBC2037_B
Subject to technical changes without notice * Released document
– Copy is not subject to revision service!
2 / 3
Specification
Input
Voltage
11.00 – 14.00VDC
Current
1.00A max.
Protection
Over/under voltage, over current
Output
Voltage
8.40VDC
Current
2.00A max.
Voltage tolerance
±1% max.
Current tolerance
±5% max. @1.00A
Protection
Short circuit, over voltage, over current, charge timer
Environmental
Operation:
Storage:
Ambient Temperature
0°C to 40°C
-20°C to 80°C
Pressure & Altitude
1060hPa to 795hPa
-382m to 2000m
1060hPa to 533hPa
-382m to 5000m
Humidity
10% to 90% r.H., non-condensing
5% to 95% r.H., non-condensing
General
Indicator
LEDs on the RRC2037 battery are used for indication
Battery types
Standard battery RRC2037
Green procurement
REACH 1907/2006
RoHS 2011/65/EU, 2015/863/EU
WEEE 2012/19/EU
Chinese RoHS
Cooling
convection cooled
LED Indication on RRC2037 Battery
Min. 1 LED is blinking
< 1min.: The inserted battery is of the correct type and is currently being
charged.
All 4 LEDs are on and switch off after
2min.
The battery is charged and can be removed for use.
No LED is blinking after > 1min.
Inserted battery is defect
Battery over/under temperature error
Charger over temperature error
Battery over voltage error
Battery charge time-out error
Input voltage out of range
Charger defect
Charger Mechanical Details
Housing dimensions (LxWxH)
55.88 x 39.88 x 31.00mm
Weight
34g (excluding power supply)
Safety & EMC
In combination with included external AC/DC power supply
Regulatory approvals
Europe
International
EN62368-1 (CE)
IEC62368-1 (CB)
Electromagnetic Emissions
Europe
EN55035, EN55032, class B
USA
Canada
FCC15 class B
ICES-003, class B
Electromagnetic Immunity
Electrostatic discharge
EN/IEC61000-4-2
RF electromagnetic fields
EN/IEC61000-4-3
EFT / Burst
EN/IEC61000-4-4
Surge
EN/IEC61000-4-5
Conducted RF disturbance
EN/IEC61000-4-6
Electromagnetic Fields
EN/IEC61000-4-8
Voltage Dips and Interrupts
EN/IEC61000-4-11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com