Electronic Components Datasheet Search
  English  ▼

X  

110002 Datasheet(PDF) 2 Page - RRC power solutions Ltd.

Part # 110002
Description  Standard battery charger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

110002 Datasheet(HTML) 2 Page - RRC power solutions Ltd.

  110002 Datasheet HTML 1Page - RRC power solutions Ltd. 110002 Datasheet HTML 2Page - RRC power solutions Ltd. 110002 Datasheet HTML 3Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
RRC-SCC1130
DS_RRC-SCC1130_E
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
2 / 3
Specification
Input
Voltage
5.00V nom.
Current
1.00A nom.
Power
5.00W
Output
Voltage range
4.35VDC
Current range
1.00A max.
Voltage tolerance
±1% max.
Current tolerance
±10% max. @1.00A
Protection
Short circuit, battery over/under temperature, charge over temperature,
charge timer
Environmental
Cooling
convection cooled
Temperature
Operation:
Storage:
0°C to 40°C
-10°C to 70°C
Pressure & Altitude
Operation:
Storage
1060hPa to 795hPa
1060hPa to 572hPa
-382m to 2000m
-382m to 4570m
Humidity
10% to 90% r.H., non-condensing
General
Indicator
Multi-color LED (green, red, orange)
Battery types
Standard battery RRC1130
Green procurement
RoHS 2011/65/EU, 2015/863/EU
WEEE 2012/19/EU
Chinese RoHS
LED Indications
Orange light
The inserted battery is of the correct type and is currently being charged.
Green light
The battery is charged and can be removed for use.
Red blinking
Battery detection phase
Red light
No battery inserted
Battery over/under temperature error
Charger over temperature error
Battery over voltage error
Battery charge time-out error
Input voltage too low
Charger Mechanical Details
Housing dimensions (LxWxH)
66.80 x 106.61 x 8.48mm
Weight
25.00g (excluding power supply)
Safety & EMC
In combination with included external AC/DC power supply
Regulatory approvals
Europe
International
EN 60950-1 (CE)
IEC 60950-1 (CB)
Electromagnetic Emissions
Europe
EN55011, EN55032, class
B
USA
FCC15 class B
Electromagnetic Immunity
Electrostatic discharge
EN/IEC61000-4-2
RF electromagnetic fields
EN/IEC61000-4-3
EFT / Burst
EN/IEC61000-4-4
Surge
EN/IEC61000-4-5
Conducted FR disturbance
EN/IEC61000-4-6
Electromagnetic Fields
Voltage Dips and Interrupts
EN/IEC61000-4-8
EN/IEC61000-4-11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com