Electronic Components Datasheet Search
  English  ▼

X  

110121 Datasheet(PDF) 1 Page - RRC power solutions Ltd.

Part # 110121
Description  Standard battery charger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

110121 Datasheet(HTML) 1 Page - RRC power solutions Ltd.

  110121 Datasheet HTML 1Page - RRC power solutions Ltd. 110121 Datasheet HTML 2Page - RRC power solutions Ltd. 110121 Datasheet HTML 3Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
RRC-SCC1130
DS_RRC-SCC1130_E
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
1 / 3
RRC-SCC1130
Standard battery charger
P/N: 110002
110121 (MP Version with Multi Wall-Mount Plugs for EU, US, AU and UK)
110038 (US Version for US, CA, MX, JP)
110057 (EU Version for EU, RU)
110069 (UK Version)
110070 (AU Version for AU, NZ)
110071 (KC Version for KR)
110072 (CC Version for CN)
Features:
5.00W single bay charger
For the standard battery RRC1130
Optimized charging process enables longer cycle life for RRC battery
Simple operation – Plug and Play
External power supply for worldwide use
Applications:
Standard charging station for mobile devices used in medical, industrial and consumer markets


Similar Part No. - 110121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11012 ETC2-11012 Datasheet
401Kb / 1P
TEST JACKS
logo
Heyco.
11012 HEYCO-11012 Datasheet
105Kb / 1P
PVC and Nylon LED Spacers
logo
Aven, Inc.
11012 AVEN-11012 Datasheet
21Kb / 1P
5" Electrician Scissor
logo
List of Unclassifed Man...
11012-R ETC2-11012-R Datasheet
401Kb / 1P
TEST JACKS
logo
RRC power solutions Ltd...
110120 RRC-110120 Datasheet
265Kb / 3P
Standard battery charger
More results

Similar Description - 110121

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
Standard Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
Standard Battery Charger Controller
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
RRC power solutions Ltd...
RRC-SBC2037 RRC-RRC-SBC2037 Datasheet
351Kb / 3P
Standard battery charger
RRC-SCC1120 RRC-RRC-SCC1120 Datasheet
265Kb / 3P
Standard battery charger
RRC-SMB-FPC RRC-RRC-SMB-FPC Datasheet
299Kb / 4P
Standard battery charger for smart batteries
RRC-SMB-MBC-M RRC-RRC-SMB-MBC-M Datasheet
355Kb / 3P
Medical standard battery charger for smart batteries
RRC-SMB-UBC-M RRC-RRC-SMB-UBC-M Datasheet
302Kb / 3P
Medical standard battery charger for smart batteries
RRC-SMB-UBC RRC-RRC-SMB-UBC Datasheet
322Kb / 4P
Standard battery charger for smart batteries
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com