Electronic Components Datasheet Search
  English  ▼

X  

110201 Datasheet(PDF) 3 Page - RRC power solutions Ltd.

Part # 110201
Description  Standard battery charger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

110201 Datasheet(HTML) 3 Page - RRC power solutions Ltd.

  110201 Datasheet HTML 1Page - RRC power solutions Ltd. 110201 Datasheet HTML 2Page - RRC power solutions Ltd. 110201 Datasheet HTML 3Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
Technical Data Sheet
RRC-SBC2037
RRC-SMB-MBC
DS_RRC-SBC2037_B
Subject to technical changes without notice * Released document
– Copy is not subject to revision service!
3 / 3
Specification for external AC/DC power supply
Input
Voltage
100.00 – 240.00VAC ±10%, 50-60Hz
Current
0.30A max.
Stand by power
No load < 0.10W
Output
Voltage
12.00VDC ±5%
Power
12.00W cont.
Current
1.00A max.
Protection
Over current, short circuit
General
Efficiency
California’s Energy Efficiency Level VI
Line / Load regulation
±1% / ±5%
Ripple & Noise
200.00mV (p-p)
Power Supply Mechanical Details
Standard output connector
DC barrel jack, 4.70 x 1.75mm
Housing dimensions (LxWxH)
59.00 x 40.90 x 48.50mm for US/CA/JP
59.00 x 40.90 x 63.80mm for EU
59.00 x 40.90 x 55.80mm for UK
59.00 x 40.90 x 63.80mm for KR
59.00 x 40.90 x 52.20mm for AU
59.00 x 40.90 x 48.50mm for CN
Weight
82g max.
Cable length
1.00m
Regulatory Approvals
Approvals
Europe
CE
International
CB
USA & Canada
cULus
Australia & New Zealand
RCM / SAA
Korea
KC
China
CCC
Japan
PSE
United Kingdom
UKCA
Morocco
CMIM
Germany/Headquarters
USA
Hong Kong
China
RRC power solutions GmbH
Technologiepark 1
66424 Homburg / Saar
Tel.:
+49 6841 98090
Fax:
+49 6841 9809280
Email: sales@rrc-ps.de
Web:
www.rrc-ps.com
RRC power solutions Inc.
18340 Yorba Linda Blvd.,
# 107-437
Yorba Linda, CA 92886
Tel.:
+1 714 777 3604
Fax:
+1 714 777 3658
Email: usa@rrc-ps.com
Web:
www.rrc-ps.com
RRC power solutions Ltd.
S-V,6/F, Valiant Industrial
Centre 2-12 Au Pui Wan Street
Fo Tan, N.T., Hong Kong
Tel.:
+852 2376 0106
Fax:
+852 2375 0107
Email: hkrrc@rrc-ps.cn
Web:
www.rrc-ps.cn
RRC power solutions Ltd.
Room 1306, C Building,
Tianan International building,
Renmin South Road, Luohu
District, Shenzhen 518021
Tel.:
+86 755 8374 1908
Fax:
+86 755 8374 1861
Email: hkrrc@rrc-ps.cn
Web:
www.rrc-ps.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com