Electronic Components Datasheet Search
  English  ▼

X  

RRC2020 Datasheet(PDF) 4 Page - RRC power solutions Ltd.

Part # RRC2020
Description  Standard Battery Pack Li-Ion
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

RRC2020 Datasheet(HTML) 4 Page - RRC power solutions Ltd.

  RRC2020 Datasheet HTML 1Page - RRC power solutions Ltd. RRC2020 Datasheet HTML 2Page - RRC power solutions Ltd. RRC2020 Datasheet HTML 3Page - RRC power solutions Ltd. RRC2020 Datasheet HTML 4Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATA SHEET
RRC2020
DS_RRC2020_H
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
4 / 4
Type
Product
P/N
Application
Design-In Tool
SMBus-Reader
100127
Simple read out of SMBus
batteries data. No external power
supply required. 5way blade
connector and RS232 interface.
Battery Mating
Connector
RRC-MC20-90-10
RRC-MC20-180-10
210519
210518
Mating connector for standard
smart batteries from RRC.
Suitable for RRC20xx batteries.
Available for 90° or 180° PCB
mounting.
Germany/Headquarters
USA
Hong Kong
China
RRC power solutions GmbH
Technologiepark 1
66424 Homburg / Saar
Tel.:
+49 6841 98090
Fax:
+49 6841 9809280
Email: sales@rrc-ps.de
Web:
www.rrc-ps.com
RRC power solutions Inc.
18340 Yorba Linda Blvd.,
# 107-437 Yorba Linda,
CA 92886-4104
Tel.:
+1 714 777 3604
Fax:
+1 714 777 3658
Email: usa@rrc-ps.com
Web:
www.rrc-ps.com
RRC power solutions Ltd.
S-V,6/F, Valiant Industrial
Centre 2-12 Au Pui Wan Street
Fo Tan, N.T., Hong Kong
Tel.:
+852 2376 0106
Fax:
+852 2375 0107
Email: hkrrc@rrc-ps.cn
Web:
www.rrc-ps.cn
RRC power solutions Ltd.
Room 1306, C Building,
Tianan International building,
Renmin South Road, Luohu
District, Shenzhen 518021
Tel.:
+86 755 8374 1908
Fax:
+86 755 8374 1861
Email: hkrrc@rrc-ps.cn
Web:
www.rrc-ps.cn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com