Electronic Components Datasheet Search
  English  ▼

X  

TPS40040 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40040
Description  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40040 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS40040 Datasheet HTML 13Page - Texas Instruments TPS40040 Datasheet HTML 14Page - Texas Instruments TPS40040 Datasheet HTML 15Page - Texas Instruments TPS40040 Datasheet HTML 16Page - Texas Instruments TPS40040 Datasheet HTML 17Page - Texas Instruments TPS40040 Datasheet HTML 18Page - Texas Instruments TPS40040 Datasheet HTML 19Page - Texas Instruments TPS40040 Datasheet HTML 20Page - Texas Instruments TPS40040 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
www.ti.com
PCB Layout Guidelines
HDRV
SW
BOOT
LDRV
FB
COMP
VDD
TPS40041
GND
(Power Pad)
Locate Parts Over Signal Ground Island
Signal Ground
Power Ground
Locate Parts Over Power Ground
Output
Current
Loop
Input
Current
Loop
SR Gate
Drive
Main
Gate
Drive
VDD
Bypass
VDD Filter
(Optional)
Current
Limit Set
Resistor
VIN
Enable
Enable Bypass
(Optional)
BOOST Resistor
(Optional)
EN
VOUT
Power Component Routing
TPS40040, TPS40041
SLUS700B – MARCH 2006 – REVISED MARCH 2006
APPLICATION INFORMATION (continued)
A synchronous BUCK power stage has two primary current loops, the input current loop that carries high ac
discontinuous current and an output current loop that carries high dc continuous current. The output current loop
carries low ac inductor ripple current.
Figure 22. Synchronous BUCK Power Stage
As shown in Figure 22, the input current loop contains the input capacitors, the switching MOSFET, the inductor,
the output capacitors, and the ground path back to the input capacitors. To keep this loop as small as possible, it
is good practice to place some ceramic capacitance directly between the drain of the main switching MOSFET
and the source of the synchronous rectifier (SR) through a power ground plane directly under the MOSFETs.
The output current loop includes the filter inductor, the output capacitors, and the ground return between the
output capacitors and the source of the synchronous rectifier MOSFET. As with the input current loop, the ground
return between the output capacitor ground and the source of the SR source should be routed under the inductor
and MOSFETs to minimize the power loop area.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com