Electronic Components Datasheet Search
  English  ▼

X  

PS65 Datasheet(PDF) 1 Page - RRC power solutions Ltd.

Part # PS65
Description  Standard Battery Pack Li-Ion
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

PS65 Datasheet(HTML) 1 Page - RRC power solutions Ltd.

  PS65 Datasheet HTML 1Page - RRC power solutions Ltd. PS65 Datasheet HTML 2Page - RRC power solutions Ltd. PS65 Datasheet HTML 3Page - RRC power solutions Ltd. PS65 Datasheet HTML 4Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
RRC2020
DS_RRC2020_H
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
1 / 4
RRC2020
Standard Battery Pack Li-Ion
10.80V / 9.22Ah / 99.60Wh
P/N: 100496
Features
Worldwide approvals and certification of safety standards
No development costs, fast time-to-market
Smart batteries with numerous features according to the SMBus specification
Integrated LED State of Charge (SoC) indicator
State-of-the-art lithium-ion cells with the market’s highest energy density
High discharge performance
JEITA charging profile optimization
Numerous and redundant safety features, e.g.:
CUV (Cell Under Voltage): protection against deep discharge
COV (Cell Over Voltage): protection against over charge
OTC (Over Temperature in Charge): protection against overheating while charging
OTD (Over Temperature in Discharge): protection against overheating during discharging
Battery Life Management: protection against rapid cell ageing
Increased ESD protection up to 8.00kV
SHA-1 cryptosystem to prevent plagiarism
Life expectancy: Up to 80% of initial capacity after 800 cycles
Applications
Suitable for use with tablet PC’s, notebooks, industrial and medical devices, etc.
Picture only for reference


Similar Part No. - PS65

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PS65 ASTRODYNE-PS65 Datasheet
323Kb / 4P
65W Single Output Switching Power Supply
logo
3M Electronics
PS65 3M-PS65 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
logo
RRC power solutions Ltd...
PS65 RRC-PS65 Datasheet
308Kb / 3P
Power Supply AC/DC
PS65 RRC-PS65 Datasheet
391Kb / 4P
Standard Battery Pack Li-Ion
PS65 RRC-PS65 Datasheet
366Kb / 4P
Standard Battery Pack Li-Ion
More results

Similar Description - PS65

ManufacturerPart #DatasheetDescription
logo
RRC power solutions Ltd...
RRC1120 RRC-RRC1120 Datasheet
271Kb / 3P
Standard Battery Pack Li-Ion
RRC1130 RRC-RRC1130 Datasheet
296Kb / 3P
Standard Battery Pack Li-Ion
RRC2024 RRC-RRC2024 Datasheet
391Kb / 4P
Standard Battery Pack Li-Ion
RRC2037 RRC-RRC2037 Datasheet
366Kb / 4P
Standard Battery Pack Li-Ion
RRC2040 RRC-RRC2040 Datasheet
400Kb / 4P
Standard Battery Pack Li-Ion
RRC2054-2 RRC-RRC2054-2 Datasheet
388Kb / 4P
Standard Battery Pack Li-Ion
RRC2054 RRC-RRC2054 Datasheet
415Kb / 4P
Standard Battery Pack Li-Ion
RRC2057 RRC-RRC2057 Datasheet
402Kb / 4P
Standard Battery Pack Li-Ion
RRC2130 RRC-RRC2130 Datasheet
338Kb / 3P
Standard Battery Pack Li-Ion
RRC2140 RRC-RRC2140 Datasheet
342Kb / 3P
Standard Battery Pack Li-Ion
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com