Electronic Components Datasheet Search
  English  ▼

X  

210919 Datasheet(PDF) 2 Page - RRC power solutions Ltd.

Part # 210919
Description  Standard Battery Pack Li-Ion
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

210919 Datasheet(HTML) 2 Page - RRC power solutions Ltd.

  210919 Datasheet HTML 1Page - RRC power solutions Ltd. 210919 Datasheet HTML 2Page - RRC power solutions Ltd. 210919 Datasheet HTML 3Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
RRC2140
DS_RRC2140_F
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
2 / 3
Specification
General
Delivery status battery capacity
<30%
Compliance information
IEC62133 / CE / UL2054 / FCC / PSE / KC / Gost /
EAC / CQC / RCM / BIS / TISI / BSMI / UN38.3 /
RoHS / REACH
Operating temperature
0°C to 45°C (charge)
-20°C to 60°C (discharge)
Storage temperature
-20°C to 60°C max.
-20°C to 25°C recommended
Electrical Parameters
Nominal voltage
11.40V
Nominal capacity
3.88Ah
Initial impedance
<200mΩ @ 1kHz at 20°C
Max. charge current
2.70A
Max. charge voltage
13.05V
Cont. discharge
3.78A
Max. discharge
5.67A
Battery Dimensions
Length
212.90mm +0.50/-0.50
Width
86.20mm +0.40/-0.40
Thickness
8.35mm +0.25/-0.25
Weight
255g
Contacts
+, +, C, D, T, -, -
Ingress protection
IP40
Safety Parameters PCM
Overcharge detection voltage / cell
4.39V
Overcharge release voltage / cell
4.20V
Overdischarge detection voltage / cell
2.75V
Overdischarge release voltage / cell
3.25V
Overcharge detection current
3.10A
Overdischarge detection current
6.00A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com