Electronic Components Datasheet Search
  English  ▼

X  

IRFZ40 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # IRFZ40
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFZ40 Datasheet(HTML) 8 Page - Vishay Siliconix

  IRFZ40 Datasheet HTML 1Page - Vishay Siliconix IRFZ40 Datasheet HTML 2Page - Vishay Siliconix IRFZ40 Datasheet HTML 3Page - Vishay Siliconix IRFZ40 Datasheet HTML 4Page - Vishay Siliconix IRFZ40 Datasheet HTML 5Page - Vishay Siliconix IRFZ40 Datasheet HTML 6Page - Vishay Siliconix IRFZ40 Datasheet HTML 7Page - Vishay Siliconix IRFZ40 Datasheet HTML 8Page - Vishay Siliconix IRFZ40 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 14-Dec-15
1
Document Number: 66542
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-220-1
Note
• M* = 0.052 inches to 0.064 inches (dimension including
protrusion), heatsink hole for HVM
M*
3
2
1
Ø P
A
F
J(1)
b(1)
e(1)
e
E
b
C
DIM.
MILLIMETERS
INCHES
MIN.
MAX.
MIN.
MAX.
A
4.24
4.65
0.167
0.183
b
0.69
1.02
0.027
0.040
b(1)
1.14
1.78
0.045
0.070
c
0.36
0.61
0.014
0.024
D
14.33
15.85
0.564
0.624
E
9.96
10.52
0.392
0.414
e
2.41
2.67
0.095
0.105
e(1)
4.88
5.28
0.192
0.208
F
1.14
1.40
0.045
0.055
H(1)
6.10
6.71
0.240
0.264
J(1)
2.41
2.92
0.095
0.115
L
13.36
14.40
0.526
0.567
L(1)
3.33
4.04
0.131
0.159
Ø P
3.53
3.94
0.139
0.155
Q
2.54
3.00
0.100
0.118
ECN: X15-0364-Rev. C, 14-Dec-15
DWG: 6031
Package Picture
ASE
Xi’an



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com