Electronic Components Datasheet Search
  English  ▼

X  

MAX20049 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX20049
Description  Flexible, Compact Quad Power Supply with 2.2MHz, 500mA Buck Converters and Dual
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20049 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX20049 Datasheet HTML 15Page - Maxim Integrated Products MAX20049 Datasheet HTML 16Page - Maxim Integrated Products MAX20049 Datasheet HTML 17Page - Maxim Integrated Products MAX20049 Datasheet HTML 18Page - Maxim Integrated Products MAX20049 Datasheet HTML 19Page - Maxim Integrated Products MAX20049 Datasheet HTML 20Page - Maxim Integrated Products MAX20049 Datasheet HTML 21Page - Maxim Integrated Products MAX20049 Datasheet HTML 22Page - Maxim Integrated Products MAX20049 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Typical Application Circuits (continued)
EP
1µF
LDOIN3
>22µF
3.3V
2.2µF
10kΩ
OUTS3
OUTS4
VBIAS
PGOOD
OUT1, OUT2,
LDO3, LDO4
COMPARATOR
LDO4 1.2V,
400mA
NMOS
EN
EN
LDO3
3.3V,150mA,
PMOS
BIAS
BIAS
AGND
BST1
4.7µF
SUP1
3.3µH
10µF
1.8V
OUT1
LX1
PGND1
OUTS1
STEP-DOWN
PWM
BUCK1
1.8V, 500mA
EN
BIAS
BST2
SUP2
3.3µH
22µF
1.2V
LX2
PGND2
OUTS2
STEP-DOWN
PWM
BUCK2
1.2V, 500mA
EN
8V
8V
8V
OUTS2
UNUSED
Figure 7. Power-over-Coax Cable Direct to LDO
MAX20049
Flexible, Compact Quad Power Supply with
2.2MHz, 500mA Buck Converters and Dual LDOs
for Automotive Camera Modules
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com