Electronic Components Datasheet Search
  English  ▼

X  

FIO Datasheet(PDF) 3 Page - Schurter Inc.

Part # FIO
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, IP 40 / IP 65
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FIO Datasheet(HTML) 3 Page - Schurter Inc.

  FIO Datasheet HTML 1Page - Schurter Inc. FIO Datasheet HTML 2Page - Schurter Inc. FIO Datasheet HTML 3Page - Schurter Inc. FIO Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Fuseholder
FIO
https://www.schurter.com /PG02
Circuit Protection
13
0
-0.3
min. 16.3
12
0
-0.1
min. 16.3
Mounting holes
Derating Curves
acc. to IEC
1.5
1.0
0.5
0.0
2.5
2.0
020406080
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
All Variants
Holder
Cap
Terminal
Position End-Terminal
Degree of Pro-
tection
Order Number
l
slotted
Solder
30° to Fuse Axis
IP65
0031.1361
█
l
slotted
Solder
90° to Fuse Axis
IP65
0031.1363
█
l
slotted
Solder
30° to Fuse Axis
IP40
0031.1381
█
l
slotted
Solder
90° to Fuse Axis
IP40
0031.1383
█
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Quick-Connect Terminals on Request
Packaging Unit
Bulk (100 pcs.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com