Electronic Components Datasheet Search
  English  ▼

X  

GLDII500V Datasheet(PDF) 1 Page - Schurter Inc.

Part # GLDII500V
Description  fuse GLDII 500V, super quick acting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GLDII500V Datasheet(HTML) 1 Page - Schurter Inc.

  GLDII500V Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Heavy current
GLDII 500V
https://www.schurter.com /PG13_14_15
other products
fuse GLDII 500V, super quick acting
See below:
Approvals and Compliances
Description
- Characteristic gR
- According to IEC 269
- According VDE 0636
- Protection of semiconductors
- Time-current characteristic on request
- Cut-off current characteristic on request
Technical Data
Rated Current In
2- 25 A
Rated Voltage
500 VAC
Breaking Capacity
50 kA
Rated Power Operating Fre-
quency fe
50 Hz
Basic Design
Insulator
Ceramics
Metal components
Brass
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
All Variants
Rated current
Style
Power Loss
Order Number
E-No.
[A]
[Compact]
[W]
2
-
-
0034.1101
800220209
4
-
-
0034.1102
800220409
6
-
-
0034.1103
800220609
10
-
-
0034.1104
800221009
16
-
-
0034.1105
800221609
20
-
-
0034.1106
800222009
25
-
-
0034.1107
800222509
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
5 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - GLDII500V

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GLDII500V SCHURTER-GLDII500V Datasheet
76Kb / 1P
fuse GLDII 500V, super quick acting
More results

Similar Description - GLDII500V

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2JQ BEL-2JQ Datasheet
99Kb / 2P
Quick Acting Fuse Series
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
QUICK ACTING FUSE SERIES
logo
Schurter Inc.
GLDII-500V SCHURTER-GLDII-500V Datasheet
71Kb / 1P
fuse GLDII 500V, super quick acting
GLDII500V SCHURTER-GLDII500V Datasheet
76Kb / 1P
fuse GLDII 500V, super quick acting
GLDIII500V SCHURTER-GLDIII500V Datasheet
77Kb / 1P
fuse GLDIII 500V, super quick acting
logo
Bel Fuse Inc.
2JQ BEL-2JQ_16 Datasheet
1Mb / 4P
Quick Acting Fuse Series
5HF BEL-5HF_16 Datasheet
1Mb / 4P
Quick Acting Fuse Series
5SF BEL-5SF_16 Datasheet
1Mb / 4P
Quick Acting Fuse Series
0657P BEL-0657P Datasheet
1Mb / 4P
Quick Acting Fuse Series
logo
Schurter Inc.
GLDIII500V SCHURTER-GLDIII500V_V02 Datasheet
85Kb / 1P
fuse GLDIII 500V, super quick acting
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com