Electronic Components Datasheet Search
  English  ▼

X  

ILR Datasheet(PDF) 2 Page - Schurter Inc.

Part # ILR
Description  Cost optimized pulse transformers for THT mounting, short rise time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ILR Datasheet(HTML) 2 Page - Schurter Inc.

  ILR Datasheet HTML 1Page - Schurter Inc. ILR Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Pulse Transformers
ILR
https://www.schurter.com /PG85
EMC Products
Dimension [mm]
Case 05-7
max. 17.5
12.5
1)
max. 11.5
(0.4)
min. 5
1) Prim.
Case 05-8
max. 17.5
5 7.5
max. 11.5
(0.4)
min. 5
1)
1) Prim.
All Variants
Turns Ratio
Tr [μs]
Iign [A] UVAC [V]
Uisol
[kV]
Us x Tw
[V
μs]
Ls [mH] RP [Ω]
RS [Ω] CC [pF] Pm [W] Weight [g] Packing unit [pcs.]
Housing
Order Number
1:1
0.2
1.0
500
3.2
300
2.5
0.7
0.7
60
0.5
7 g
50
05-7
ILR-11-0001
█
1:1:1
0.1
0.25
500
3.2
150
0.5
0.3
0.3
30
0.5
7 g
50
05-8
ILR-10-0001
2:1
0.3
1.0
500
3.2
200
2.5
1
0.3
50
0.5
7 g
50
05-7
ILR-11-0002
█
3:1
0.3
1.0
500
3.2
200
5.0
1.2
0.3
40
0.5
7 g
50
05-7
ILR-11-0003
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com