Electronic Components Datasheet Search
  English  ▼

X  

MIC5237 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC5237
Description  500 mA Low Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5237 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC5237 Datasheet HTML 10Page - Microchip Technology MIC5237 Datasheet HTML 11Page - Microchip Technology MIC5237 Datasheet HTML 12Page - Microchip Technology MIC5237 Datasheet HTML 13Page - Microchip Technology MIC5237 Datasheet HTML 14Page - Microchip Technology MIC5237 Datasheet HTML 15Page - Microchip Technology MIC5237 Datasheet HTML 16Page - Microchip Technology MIC5237 Datasheet HTML 17Page - Microchip Technology MIC5237 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006095B-page 15
MIC5237
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5237-2.5YU:
500 mA Low Dropout Regulator
2.5V, –40°C to +125°C,
3-Lead TO-263, 50/Tube
b) MIC5237-2.5YU-TR:
500 mA Low Dropout Regulator
2.5V, –40°C to +125°C,
3-Lead TO-263, 750/Reel
c) MIC5237-3.3YU:
500 mA Low Dropout Regulator
3.3V, –40°C to +125°C,
3-Lead TO-263, 50/Tube
d) MIC5237-3.3YU-TR:
500 mA Low Dropout Regulator
3.3V, –40°C to +125°C,
3-Lead TO-263, 750/Reel
e) MIC5237-5.0YU:
500 mA Low Dropout Regulator
5.0V, –40°C to +125°C,
3-Lead TO-263, 50/Tube
f) MIC5237-5.0YU-TR:
500 mA Low Dropout Regulator
5.0V, –40°C to +125°C,
3-Lead TO-263, 750/Reel
g) MIC5237-5.0YT:
500 mA Low Dropout Regulator
5.0V, –40°C to +125°C,
3-Lead TO-220, 50/Tube
PART NO.
XX
Package
Device
Device:
MIC5237:
500 mA Low Dropout Regulator
Voltage:
2.5 =
2.5V (TO-263 Only)
3.3 =
3.3V (TO-263 Only)
5.0 =
5.0V (Both Packages)
Temperature:
Y
=
–40°C to +125°C
Package:
T
=
3-Lead TO-220
U
=
3-Lead TO-263
Media Type:
<blank>= 50/Tube (Both Packages)
TR =
750/Reel (TO-263 Only)
–X.X
Voltage
X
Temperature
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com