Electronic Components Datasheet Search
  English  ▼

X  

TMUX8108 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8108
Description  TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8108 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX8108 Datasheet HTML 1Page - Texas Instruments TMUX8108 Datasheet HTML 2Page - Texas Instruments TMUX8108 Datasheet HTML 3Page - Texas Instruments TMUX8108 Datasheet HTML 4Page - Texas Instruments TMUX8108 Datasheet HTML 5Page - Texas Instruments TMUX8108 Datasheet HTML 6Page - Texas Instruments TMUX8108 Datasheet HTML 7Page - Texas Instruments TMUX8108 Datasheet HTML 8Page - Texas Instruments TMUX8108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings: TMUX810x Devices...... 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions:
TMUX810x Devices.......................................................6
7.4 Thermal Information....................................................6
7.5 Electrical Characteristics (Global): TMUX810x
Devices..........................................................................7
7.6 Electrical Characteristics (±15-V Dual Supply)........... 7
7.7 Electrical Characteristics (±36-V Dual Supply)........... 8
7.8 Electrical Characteristics (±50-V Dual Supply)........... 9
7.9 Electrical Characteristics (72-V Single Supply).........10
7.10 Electrical Characteristics (100-V Single Supply).....11
7.11 Switching Characteristics: TMUX810x Devices...... 12
7.12 Typical Characteristics............................................ 13
8 Parameter Measurement Information.......................... 18
8.1 On-Resistance.......................................................... 18
8.2 Off-Leakage Current................................................. 18
8.3 On-Leakage Current................................................. 19
8.4 Break-Before-Make Delay.........................................19
8.5 Enable Turn-on and Turn-off Time............................ 20
8.6 Transition Time......................................................... 20
8.7 Charge Injection........................................................21
8.8 Off Isolation...............................................................21
8.9 Crosstalk................................................................... 22
8.10 Bandwidth............................................................... 23
8.11 THD + Noise............................................................23
9 Detailed Description......................................................24
9.1 Overview................................................................... 24
9.2 Functional Block Diagram......................................... 24
9.3 Feature Description...................................................24
9.4 Device Functional Modes..........................................26
10 Application and Implementation................................ 27
10.1 Application Information........................................... 27
10.2 Typical Application.................................................. 27
11 Power Supply Recommendations..............................29
12 Layout...........................................................................29
12.1 Layout Guidelines................................................... 29
12.2 Layout Example...................................................... 30
13 Device and Documentation Support..........................31
13.1 Documentation Support.......................................... 31
13.2 Receiving Notification of Documentation Updates..31
13.3 Support Resources................................................. 31
13.4 Trademarks.............................................................31
13.5 Electrostatic Discharge Caution..............................31
13.6 Glossary..................................................................31
14 Mechanical, Packaging, and Orderable
Information.................................................................... 31
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (September 2021) to Revision A (December 2021)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data ...................................1
TMUX8108, TMUX8109
SCDS435A – SEPTEMBER 2021 – REVISED DECEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX8108 TMUX8109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com