Electronic Components Datasheet Search
  English  ▼

X  

536537 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 536537
Description  Electric pressure regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

536537 Datasheet(HTML) 1 Page - Festo Corporation.

  536537 Datasheet HTML 1Page - Festo Corporation. 536537 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electric pressure regulator
MS6N-LRE-3/8-D7-PI-Z
Part number: 536537
Data sheet
Feature
Value
Size
6
Series
MS
Mounting position
Any
Preferably vertical
Structural design
Electrically adjustable pressure regulator
Short-circuit protection
For all electrical connections
Controller function
Outlet pressure constant
With primary pressure compensation
With secondary exhausting
Symbol
00991879
Pressure gauge
with pressure gauge
Operating pressure
0.08 MPa ... 2 MPa
Operating pressure
0.8 bar ... 20 bar
Pressure regulation range
0.5 bar ... 12 bar
Max. pressure hysteresis
0.25 bar
Standard nominal flow rate
4500 l/min
Analog output
4 - 20 mA
Duration of control at 25°C
Max. 90 s
Design of inputs
as per IEC 61131-2
No galvanic isolation
Nominal operating voltage DC
24 V
Current consumption at nominal operating voltage
max. 1 A
Current consumption
max 3.5 A at 24 V DC
Control duration/interval ratio
1:3
Permissible voltage fluctuations
+/- 10 %
CE marking (see declaration of conformity)
As per EU EMC directive
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-10 °C ... 50 °C
For use in the food industry
See supplementary material information
Temperature of medium
0 °C ... 50 °C
Degree of protection
IP65
Ambient temperature
0 °C ... 50 °C
Product weight
1280 g
Analog outputs, absolute precision at 25°C
± 3%
3/22/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 536537

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
536532 FESTO-536532 Datasheet
91Kb / 2P
Electric pressure regulator
3/18/22
536533 FESTO-536533 Datasheet
91Kb / 2P
Electric pressure regulator
3/22/22
536534 FESTO-536534 Datasheet
92Kb / 2P
Electric pressure regulator
3/22/22
536535 FESTO-536535 Datasheet
91Kb / 2P
Electric pressure regulator
3/18/22
536536 FESTO-536536 Datasheet
91Kb / 2P
Electric pressure regulator
3/22/22
More results

Similar Description - 536537

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
535362 FESTO-535362 Datasheet
91Kb / 2P
Electric pressure regulator
3/18/22
535364 FESTO-535364 Datasheet
91Kb / 2P
Electric pressure regulator
3/18/22
536505 FESTO-536505 Datasheet
91Kb / 2P
Electric pressure regulator
3/18/22
536550 FESTO-536550 Datasheet
91Kb / 2P
Electric pressure regulator
3/18/22
536506 FESTO-536506 Datasheet
91Kb / 2P
Electric pressure regulator
3/22/22
536516 FESTO-536516 Datasheet
92Kb / 2P
Electric pressure regulator
3/22/22
536528 FESTO-536528 Datasheet
92Kb / 2P
Electric pressure regulator
3/22/22
536534 FESTO-536534 Datasheet
92Kb / 2P
Electric pressure regulator
3/22/22
1709132 FESTO-1709132 Datasheet
91Kb / 2P
Electric pressure regulator
3/23/22
1709134 FESTO-1709134 Datasheet
91Kb / 2P
Electric pressure regulator
3/23/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com