Electronic Components Datasheet Search
  English  ▼

X  

MAX17577 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17577
Description  4.5V to 60V, 1A High-Efficiency, Synchronous, Inverting Output DC-DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17577 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17577 Datasheet HTML 1Page - Maxim Integrated Products MAX17577 Datasheet HTML 2Page - Maxim Integrated Products MAX17577 Datasheet HTML 3Page - Maxim Integrated Products MAX17577 Datasheet HTML 4Page - Maxim Integrated Products MAX17577 Datasheet HTML 5Page - Maxim Integrated Products MAX17577 Datasheet HTML 6Page - Maxim Integrated Products MAX17577 Datasheet HTML 7Page - Maxim Integrated Products MAX17577 Datasheet HTML 8Page - Maxim Integrated Products MAX17577 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical Characteristics (continued)
(VIN = VEN/UVLO = 24V, CVCC = 2.2μF, VFB = 1V, RT/SYNC = LX = SS = RESET = Open, VBST to VLX = 5V, VGND = VSOUT = VOUT
= 0V, TA = -40°C to +125°C. Typical values are at TA = +25°C. All voltages are referenced to SOUT, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC Pulse-Width
tSYNC
100
ns
SYNC Threshold
VIH
At RT/SYNC Pin (Note 5)
VRT/
SYNC +
0.2
V
VIL
At RT/SYNC Pin (Note 5)
VRT/
SYNC -
0.2
SYNC Duty-Cycle
Range
DSYNC
10
90
%
SYSTEM GROUND (GND)
GND Current
IGND
Sourcing
10
μA
RESET (REFERRED TO GND)
RESET Output Level
Low
VRESETL
IRESET = 10mA (Referred to GND)
0.4
V
RESET Output-Leakage
Current
IRESETLKG
TA = TJ = +25°C, VRESET = 5.5V
-0.1
+0.1
μA
FB Threshold for
RESET Deassertion
VFB-OKR
VFB Rising
93.8
95
97.8
%
FB Threshold for
RESET Assertion
VFB-OKF
VFB Falling
90.5
92
94.6
%
RESET Delay after FB
reaches 95% regulation
1024
Cycles
THERMAL SHUTDOWN
Thermal Shutdown
Rising Threshold
TSHDNR
165
°C
Thermal Shutdown
Hysteresis
TSHDNHY
10
°C
Note 3: Electrical specifications are production tested at TA = +25ºC. Specifications over the entire operating temperature range are
guaranteed by design and characterization.
Note 4: See the Overcurrent Protection (OCP)/Hiccup Mode section for more details
Note 5: VRT/SYNC = IRT_BIAS × RRT/SYNC. See the Switching Frequency and External Clock Synchronization (RT/SYNC) section for
more details.
MAX17577, MAX17578
4.5V to 60V, 1A High-Efficiency, Synchronous,
Inverting Output DC-DC Converters
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com