Electronic Components Datasheet Search
  English  ▼

X  

IRLD024PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRLD024PBF
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLD024PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  IRLD024PBF Datasheet HTML 1Page - Vishay Siliconix IRLD024PBF Datasheet HTML 2Page - Vishay Siliconix IRLD024PBF Datasheet HTML 3Page - Vishay Siliconix IRLD024PBF Datasheet HTML 4Page - Vishay Siliconix IRLD024PBF Datasheet HTML 5Page - Vishay Siliconix IRLD024PBF Datasheet HTML 6Page - Vishay Siliconix IRLD024PBF Datasheet HTML 7Page - Vishay Siliconix IRLD024PBF Datasheet HTML 8Page - Vishay Siliconix IRLD024PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRLD024
www.vishay.com
Vishay Siliconix
S21-0886-Rev. D, 30-Aug-2021
1
Document Number: 91308
For technical questions, contact: hvmos.techsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• Dynamic dV/dt rating
• For automatic insertion
• End stackable
• Logic-level gate drive
•RDS(on) dpecified at VGS = 4 V and 5 V
• 175 °C operating temperature
• Fast switching
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
Third generation power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The 4 pin DIP package is a low cost machine-insertiable
case style which can be stacked in multiple combinations on
standard 0.1" pin centers. The dual drain servers as a
thermal link to the mounting surface for power dissipation
levels up to 1 W.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. VDD = 25 V, starting TJ = 25 °C, L = 16 mH, Rg = 25
Ω, IAS = 2.5 A (see fig. 12)
c. ISD
≤ 17 A, dI/dt ≤ 140 A/μs, VDD ≤ VDS, TJ ≤ 175 °C
d. 1.6 mm from case
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (
Ω)VGS = 5.0 V
0.10
Qg (Max.) (nC)
18
Qgs (nC)
4.5
Qgd (nC)
12
Configuration
Single
N-Channel MOSFET
G
D
S
HVMDIP
D
S
G
ORDERING INFORMATION
Package
HVMDIP
Lead (Pb)-free
IRLD024PbF
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
60
V
Gate-source voltage
VGS
± 10
Continuous drain current
VGS at 5.0 V
TA = 25 °C
ID
2.5
A
TA = 100 °C
1.8
Pulsed drain current a
IDM
20
Linear derating factor
0.0083
W/°C
Single pulse avalanche energy b
EAS
91
mJ
Maximum power dissipation
TA = 25 °C
PD
1.3
W
Peak diode recovery dV/dt c
dV/dt
4.5
V/ns
Operating junction and storage temperature range
TJ, Tstg
- 55 to + 175
°C
Soldering recommendations (peak temperature)
For 10 s
300d


Similar Part No. - IRLD024PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLD024PBF IRF-IRLD024PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRLD024PBF VISHAY-IRLD024PBF Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRLD024PBF VISHAY-IRLD024PBF Datasheet
1Mb / 9P
Power MOSFET
08-Nov-10
More results

Similar Description - IRLD024PBF

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com