Electronic Components Datasheet Search
  English  ▼

X  

MAX16163 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX16163
Description  nanoPower On/Off Controller with Programmable Sleep Time
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16163 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX16163 Datasheet HTML 17Page - Maxim Integrated Products MAX16163 Datasheet HTML 18Page - Maxim Integrated Products MAX16163 Datasheet HTML 19Page - Maxim Integrated Products MAX16163 Datasheet HTML 20Page - Maxim Integrated Products MAX16163 Datasheet HTML 21Page - Maxim Integrated Products MAX16163 Datasheet HTML 22Page - Maxim Integrated Products MAX16163 Datasheet HTML 23Page - Maxim Integrated Products MAX16163 Datasheet HTML 24Page - Maxim Integrated Products MAX16163 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Device Register and Operation
The Sleep Time register (register address 0x00) is the only device register that a microcontroller can read from and write
to. The register content and operations are shown in Figure 10.
BIT 7
BUS STATUS
OUT
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SLEEP TIME INDEX (SEE TABLE 1 FOR SLEEP TIME VALUES)
BIT 7: read only, I2C bus status.
If BIT 7 = 0, I2C write operation is allowed. If BIT 7 = 1, I2C write operation is not allowed.
BIT6: clear-after-write register.
If BIT 6 = 0, OUT does not change. If BIT 6 = 1, de-assert OUT after write operation.
Figure 10. Device Register and Operation
In I2C configuration, the hardware CLR pin is not available. The microcontroller writes the register with bit 6 = 1 to
deassert OUT. Any register write overrides the sleep time with the new register value. It's recommended to read the
register first and then mask bit 6 and write with the new register value to keep the sleep time unchanged.
There are two standard I2C operations: register write and register read. The I2C register is accessible anytime, no matter
if OUT is asserted or deasserted.
Register Write Operation
To write the sleep time register, the master sends a start condition on the bus with the MAX16163/MAX16164 address as
well as the last bit (the R/W bit) set to 0, which signifies a write. After the MAX16163/MAX16164 sends the acknowledge
bit, the master then sends the register address (0x00). The MAX16163/MAX16164 acknowledges again, letting the
master know it is ready. After this, the master starts sending the register data to the MAX16163/MAX16164. The master
terminates the transmission with a STOP condition. Figure 11 shows the format of a single write register operation.
Figure 11. Register Write Operation
MAX16163/MAX16164
nanoPower On/Off Controller with Programmable
Sleep Time
www.analog.com
Analog Devices | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com