Electronic Components Datasheet Search
  English  ▼

X  

MAX17119 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17119
Description  10-Channel Scan Driver for TFT LCD with GPM Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17119 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17119 Datasheet HTML 1Page - Maxim Integrated Products MAX17119 Datasheet HTML 2Page - Maxim Integrated Products MAX17119 Datasheet HTML 3Page - Maxim Integrated Products MAX17119 Datasheet HTML 4Page - Maxim Integrated Products MAX17119 Datasheet HTML 5Page - Maxim Integrated Products MAX17119 Datasheet HTML 6Page - Maxim Integrated Products MAX17119 Datasheet HTML 7Page - Maxim Integrated Products MAX17119 Datasheet HTML 8Page - Maxim Integrated Products MAX17119 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
10-Channel Scan Driver
for TFT LCD with GPM Function
4 ______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VGON_ = 30V, VGOFF = -6.2V, TA = -40°C to +85°C.) (Note 2)
Note 1: The panel models for different channels are illustrated in Figure 4.
Note 2: -40°C specs are guaranteed by design, not production tested.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage High
(Y1–Y7, YDCHG)
IOUT = 10mA
GON1 -
0.16
V
Output Voltage High (Y8, Y9)
IOUT = 10mA
GON2 -
0.16
V
Rise Time (Y1–Y7, YDCHG)
TA = +25NC, VGON1 = 30V and VGOFF = -6.2V
(Note 1)
200
ns
Fall Time (Y1–Y7, YDCHG)
TA = +25NC, VGON1 = 30V and VGOFF = -6.2V
(Note 1)
120
ns
Rise Time (Y8, Y9)
TA = +25oC, VGON2 = 30V and VGOFF = -6.2V
(Note 1)
200
ns
Fall Time (Y8, Y9)
TA = +25NC , VGON2 = 30V and VGOFF = -6.2V
(Note 1)
120
ns
Y_ to RE Switch On-Resistance
100
I
CONTROL INPUTS
Logic Input-Voltage Range
(A1–A9)
5.5
V
Logic Input Voltage Low
(A1–A9)
0.8
V
Logic Input Voltage High
(A1–A9)
2
V
VOLTAGE DETECTOR
VSENSE Voltage Range
5.5
V
VSENSE Threshold Voltage
Falling edge
1.158
1.278
V
VSENSE Pullup Current
VSENSE = 1.5V
2.3
8
F
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com