Electronic Components Datasheet Search
  English  ▼

X  

537643 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 537643
Description  Pressure regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

537643 Datasheet(HTML) 1 Page - Festo Corporation.

  537643 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure regulator
LR-1/4-DB-7-O-MINI
Part number: 537643
Data sheet
Feature
Value
Size
Mini
Width
44 mm
Series
DB
Actuator lock
Rotary knob with detent
Mounting position
Any
Structural design
Pressure regulator without pressure gauge
Controller function
With secondary exhausting
With return flow function
Symbol
00991559
Pressure gauge
G1/8 prepared
Operating pressure
0.1 MPa ... 1 MPa
Operating pressure
1.5 bar ... 10 bar
Pressure regulation range
0.5 bar ... 7 bar
Max. pressure hysteresis
0.5 bar
Standard nominal flow rate
≥1300 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:4:4]
Temperature of medium
-5 °C ... 50 °C
Ambient temperature
-5 °C ... 50 °C
Product weight
150 g
Type of mounting
Optionally:
Front panel mounting
Line installation
With through-hole
With mounting bracket
Pressure gauge connection
G1/8
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Note on materials
RoHS-compliant
Seals material
NBR
Rotary knob material
POM
Housing material
PA-reinforced
3/23/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 537643

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537644 FESTO-537644 Datasheet
84Kb / 2P
Filter regulator
2/27/22
537645 FESTO-537645 Datasheet
84Kb / 2P
Filter regulator
2/27/22
537646 FESTO-537646 Datasheet
84Kb / 2P
Filter regulator
2/27/22
537647 FESTO-537647 Datasheet
83Kb / 2P
Filter regulator
2/27/22
More results

Similar Description - 537643

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529424 FESTO-529424 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531422 FESTO-531422 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531450 FESTO-531450 Datasheet
84Kb / 2P
Pressure regulator
3/16/22
529481 FESTO-529481 Datasheet
89Kb / 2P
Pressure regulator
3/17/22
530320 FESTO-530320 Datasheet
93Kb / 1P
Pressure regulator
3/17/22
531793 FESTO-531793 Datasheet
92Kb / 2P
Pressure regulator
3/17/22
531828 FESTO-531828 Datasheet
92Kb / 1P
Pressure regulator
3/17/22
531830 FESTO-531830 Datasheet
94Kb / 1P
Pressure regulator
3/17/22
564142 FESTO-564142 Datasheet
81Kb / 1P
Pressure regulator
3/16/22
8086002 FESTO-8086002 Datasheet
82Kb / 1P
Pressure regulator
4/15/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com