Electronic Components Datasheet Search
  English  ▼

X  

MGA Datasheet(PDF) 1 Page - Schurter Inc.

Part # MGA
Description  Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MGA Datasheet(HTML) 1 Page - Schurter Inc.

  MGA Datasheet HTML 1Page - Schurter Inc. MGA Datasheet HTML 2Page - Schurter Inc. MGA Datasheet HTML 3Page - Schurter Inc. MGA Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Fuses
MGA
https://www.schurter.com /PG01_2
Circuit Protection
Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 °C
See below:
Approvals and Compliances
UL 248-14 · 125VAC · 125VDC · Super-Quick-Acting FF
Description
- Max. ambient temperature 150 °C
- Impermeable to potting compound used to achieve hermetic seal for
use in intrinsically safe applications according to ATEx and IECEx re-
quirements.
Unique Selling Proposition
- Hermetically sealed and robust construction
- High breaking capacity up to 300 A
- Smallest size
Applications
- Applications where high reliability and availability is needed
- Medical Equipment
- Offshore
- Defense
References
Alternative: Space version
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Technical Data
Rated Voltage
32 - 125 VAC, 125 VDC
Rated current
0.2 - 5 A
Breaking Capacity
50 A
Characteristic
Super-Quick-Acting FF
Mounting
PCB,SMT
Admissible Ambient Air Temp. -55 °C to 150 °C
Climatic Category
55/150/21 acc. to IEC 60068-1
Material: Housing
Ceramics
Material: Terminals
Tin-Plated Nickel
Unit Weight
0.03 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
none
Soldering Methods
Reflow, Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-58,
Test Td
Resistance to Soldering Heat
260 +0/-5 °C / 30 sec acc. to IPC/JE-
DEC J-STD-020D, Level 1
Moisture Sensitivity Level
MSL 1, J-STD-020
Flammability
min. UL 94V-1
(acc. to EIA/IS-722, Test 4.12)
Moisture Resistance Test
MIL-STD-202, Method 106
(50 cycles in a temp./mister chamber)
Thermal Shock
MIL-STD-202, Method 107D
(200 air-to-air cycles from -55 to
+125°C)
Operational Life
MIL-STD-202, Method 108
1000h @ 0.60 x In @ 70°C
Load Humidity Test
MIL-STD-202, Method 103
0.1 x In @ 0.85 r.H. @ 85°C
Resistance to Solvents
MIL-STD-202, Method 215
Terminal Strength
MIL-STD-202, Method 211A
(Deflection of board 1 mm for 1 minute)
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: MGA
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E41599


Similar Part No. - MGA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MGA MACOM-MGA Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
logo
Schurter Inc.
MGA SCHURTER-MGA Datasheet
429Kb / 2P
Surface Mount Fuse, 3.2 x 1.55 mm, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
logo
Surge Components
MGA SURGE-MGA Datasheet
3Mb / 6P
rohs compliance
logo
Schurter Inc.
MGA SCHURTER-MGA Datasheet
311Kb / 4P
Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150
logo
M-System Co.,Ltd.
MGA-100 MSYSTEM-MGA-100 Datasheet
105Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MGA

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MGA SCHURTER-MGA Datasheet
429Kb / 2P
Surface Mount Fuse, 3.2 x 1.55 mm, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
MSF SCHURTER-MSF Datasheet
505Kb / 3P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
USFF1206 SCHURTER-USFF1206_12 Datasheet
476Kb / 2P
UL 248-14 - 125 VAC - 63 VDC - Super-Quick-Acting FF
MSF125 SCHURTER-MSF125 Datasheet
267Kb / 3P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MGA SCHURTER-MGA_18 Datasheet
311Kb / 4P
Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MGA-A SCHURTER-MGA-A_V01 Datasheet
363Kb / 4P
Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
04.01.2022
MSF125 SCHURTER-MSF125_V02 Datasheet
306Kb / 4P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
USFF1206 SCHURTER-USFF1206_V01 Datasheet
343Kb / 4P
Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com