Electronic Components Datasheet Search
  English  ▼

X  

MF3DX3 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MF3DX3
Description  MIFARE DESFire EV3 contactless multi-application IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MF3DX3 Datasheet HTML 14Page - NXP Semiconductors MF3DX3 Datasheet HTML 15Page - NXP Semiconductors MF3DX3 Datasheet HTML 16Page - NXP Semiconductors MF3DX3 Datasheet HTML 17Page - NXP Semiconductors MF3DX3 Datasheet HTML 18Page - NXP Semiconductors MF3DX3 Datasheet HTML 19Page - NXP Semiconductors MF3DX3 Datasheet HTML 20Page - NXP Semiconductors MF3DX3 Datasheet HTML 21Page - NXP Semiconductors MF3DX3 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
MF3D_H_x3_MIFARE_DESFire_EV3_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
Rev. 3.0 — 15 May 2020
COMPANY PUBLIC
612530
18 / 28
9 Limiting values
Table 15. Limiting values [1][2]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Pd,max
maximum power dissipation
-
240
mW
ILA-LB,max
maximum input current at LA/LB
-
86
mA
Tstg
storage temperature
-55
125
°C
Tamb
ambient temperature
-25
85
°C
VESD
electrostatic discharge voltage
[3]
-
4
kV
[1]
Stresses above one or more of the limiting values may cause permanent damage to the device
[2]
Exposure to limiting values for extended periods may affect device reliability
[3]
ANSI/ESDA/JEDEC JS-001; Human body model: C = 100 pF, R = 1.5 kΩ
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe
precautions for handling electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5,
JESD625-A or equivalent standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com