Electronic Components Datasheet Search
  English  ▼

X  

MSM22 Datasheet(PDF) 10 Page - Schurter Inc.

Part # MSM22
Description  Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM22 Datasheet(HTML) 10 Page - Schurter Inc.

Back Button MSM22 Datasheet HTML 2Page - Schurter Inc. MSM22 Datasheet HTML 3Page - Schurter Inc. MSM22 Datasheet HTML 4Page - Schurter Inc. MSM22 Datasheet HTML 5Page - Schurter Inc. MSM22 Datasheet HTML 6Page - Schurter Inc. MSM22 Datasheet HTML 7Page - Schurter Inc. MSM22 Datasheet HTML 8Page - Schurter Inc. MSM22 Datasheet HTML 9Page - Schurter Inc. MSM22 Datasheet HTML 10Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Metal Line Switches
MSM 22
https://www.schurter.com /PG70
Switches
Packaging unit
10 in box with insert or packed in air cushion bags
- Actuating elements in ESD safe packaging
- Screw nuts and sealing rings in a bag (enclosd in the box)
- Micro switches in a bag (enclosed in the box)
Accessories
Description
MSM Cover
Protection cover for MSM 19 and MSM 22
Power Supply
Power Supply IP42 for LED- and Illumination applications indoor 90~264 VAC => 24 VDC 0.34 A 8 W
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com