Electronic Components Datasheet Search
  English  ▼

X  

MF1PH4101DA6/02 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF1PH4101DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1PH4101DA6/02 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF1PH4101DA6/02 Datasheet HTML 1Page - NXP Semiconductors MF1PH4101DA6/02 Datasheet HTML 2Page - NXP Semiconductors MF1PH4101DA6/02 Datasheet HTML 3Page - NXP Semiconductors MF1PH4101DA6/02 Datasheet HTML 4Page - NXP Semiconductors MF1PH4101DA6/02 Datasheet HTML 5Page - NXP Semiconductors MF1PH4101DA6/02 Datasheet HTML 6Page - NXP Semiconductors MF1PH4101DA6/02 Datasheet HTML 7Page - NXP Semiconductors MF1PH4101DA6/02 Datasheet HTML 8Page - NXP Semiconductors MF1PH4101DA6/02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
2 / 33
2 Features and benefits
• 2 kB, 4 kB EEPROM
• 7-byte UID, 4-byte NUID
• Supports ISO/IEC 14443-31 Random ID for all UID types
• Communication speed up to 848 kbps
• Freely configurable access conditions
• Security Level (SL) concept for seamless migration from legacy infrastructure to high
level SL3 security
• Sequential writing of the personalization keys (in SL0)
• AES-128 cryptography for authentication and secure messaging
(optional in SL1, mandatory in SL3)
• SL3 CardSecurityLevel or sector-by-sector security level upgrade possible
(SectorSecurityLevel)
• SL1SL3Mix mode to allow secure back-end connections into SL1 sectors
• Multi-sector authentication, multi-block read and write
• Anti-tearing mechanism for AES keys, sector trailers, configuration and optionally for
data block writing
• Virtual card concept using ISO/IEC 7816-4 compliant selection method
• Proximity check fully ISO/IEC 14443-3 compliant
• Transaction MAC on value and data blocks
• Direct commit personalization from SL0 to SL1 or SL3
• Common Criteria Certification: EAL5+ targeted
• ECC Originality signature
3 Applications
• Public transportation
• Access management
• Electronic toll collection
• Loyalty and micro-payment
1
ISO/IEC 14443-x used in this data-sheet refers to ISO/IEC 14443 Type A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com