Electronic Components Datasheet Search
  English  ▼

X  

2SA2126 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA2126
Description  PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2126 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA2126 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2126 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2126 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2126 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2126
No.7990-3/4
--0.1
--0.01
7
5
3
2
--1.0
--10
7
5
3
27
5
3
2
VBE(sat) -- IC
Collector Current, IC -- A
IT07647
--1.0
3
5
7
2
3
--1.0
--0.1
--0.01
VCE(sat) -- IC
Collector Current, IC -- A
IT07648
2
--0.1
--0.01
3
27
5
32
7
7
5
32
5
3
3
5
7
2
2
--1.0
3
5
7
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
IT07649
--1.0
--0.1
35
7
23
5
7
23
5
7
2
--10
--100
2
3
10
100
5
7
--0.1
--0.01
7
5
3
2
--1.0
7
5
3
2
--10
7
5
3
2
VCE(sat) -- IC
Collector Current, IC -- A
IT07646
--0.1
--1.0
--0.01
2
3
5
7
2
3
5
7
25°C
PC -- Ta
Ambient Temperature, Ta --
°C
0.9
0.8
0.6
0.7
0.5
0.4
0.3
0.2
0.1
0
160
140
120
100
80
60
40
20
0
IT07651
A S O
Collector-to-Emitter Voltage, VCE -- V
--0.1
23
5
7 --1.0
23
5
7 --10
23
5
7 --100
IT07650
--0.1
2
3
5
7
--1.0
2
3
5
7
--0.01
--10
3
2
5
7
IT07644
fT -- IC
Collector Current, IC -- A
IT07645
100
3
1000
2
3
5
7
5
7
23
5 7
2
3
5
7
--0.1
23
5 7 --1.0
--10
--0.01
VCE= --10V
hFE -- IC
Collector Current, IC -- A
100
3
1000
2
3
5
7
5
7
23
5
7
2
3
5
7
23
5
7
--0.1
--0.01
--1.0
--10
No
heat
sink
Tc=25
°C
Single pulse
500
µ
s
DC
operation
(Ta=25
°C)
1ms
100ms
<10µs
10ms
IC= --3A
ICP= --6A
Ta= --25°
C
75°C
IC / IB=20
IC / IB=50
Ta=75
°C
--25
°C
25°
C
IC / IB=20
Ta=75
°C
25
°C
--25
°C
f=1MHz
25
°C
--25
°C
Ta=75
°C
VCE= --2V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com