Electronic Components Datasheet Search
  English  ▼

X  

AD1941YSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD1941YSTZ
Description  SigmaDSP-TM Multichannel 28-Bit Audio Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941YSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1941YSTZ Datasheet HTML 20Page - Analog Devices AD1941YSTZ Datasheet HTML 21Page - Analog Devices AD1941YSTZ Datasheet HTML 22Page - Analog Devices AD1941YSTZ Datasheet HTML 23Page - Analog Devices AD1941YSTZ Datasheet HTML 24Page - Analog Devices AD1941YSTZ Datasheet HTML 25Page - Analog Devices AD1941YSTZ Datasheet HTML 26Page - Analog Devices AD1941YSTZ Datasheet HTML 27Page - Analog Devices AD1941YSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD1941
Preliminary Technical Data
Rev. PrE | Page 24 of 32
SERIAL DATA INPUT/OUTPUT PORTS
The AD1941’s flexible serial data input and output ports can be
set to accept or transmit data in 2-channel formats or in an
8- or 16-channel TDM stream. Data is processed in twos
complement, MSB-first format. The left channel data field
always precedes the right channel data field in the 2-channel
streams. In the TDM modes, Slots 0 to 3 (8-channel TDM) or
Slots 0 to 7 (16-channel TDM) fall in the first half of the audio
frame, and Slots 4 to 7 (or Slots 8 to 15 in 16-channel TDM) are
in the second half of the frame. The serial modes are set in the
serial output and serial input control registers.
The input control register allows control of clock polarity and
data input modes. The valid data formats are I2S , left-justified,
right-justified (24-, 20-, 18-, or 16-bit), 8-channel, and
16-channel TDM. In all modes except for the right-justified
modes, the serial port will accept an arbitrary number of
bits up to a limit of 24. Extra bits will not cause an error, but
they will be truncated internally. Proper operation of the right-
justified modes requires that there be exactly 64 BCLKs per
audio frame. The TDM data is input on SDATA_IN2 and
SDATA_IN3 when in 2 × 8-channel TDM mode, and on
SDATA_IN2 in 16-channel TDM mode. The LRCLK in TDM
mode can be input to the AD1941 as either a 50/50 duty cycle
clock or as a bit-wide pulse.
The two clock domains on the serial output ports can generate
two separate 8-channel TDM streams or one 16-channel TDM
stream. When in 16-channel TDM mode, the data is clocked by
LRCLK_OUT0 and BCLK_OUT0. The AD1941 must be in
slave mode for 16-channel TDM unless the data is sampled at
48 kHz; the part cannot generate a TDM bit clock that is fast
enough to support 96 kHz or 192 kHz. In 8-channel TDM
mode, the AD1941 can be a master for 48 kHz and 96 kHz data,
but not for 192 kHz data. Table 31 displays the modes in which
the serial output port will function.
The output control registers give the user control of clock
polarities, clock frequencies, clock types, and data format. In all
modes except for the right-justified modes (MSB delayed by 8,
12, or 16), the serial port accepts an arbitrary number of bits up
to a limit of 24. Extra bits will not cause an error, but will be
truncated internally. Proper operation of the right-justified
modes requires the LSB to align with the edge of the LRCLK.
The default settings of all serial port control registers
correspond to 2-channel I2S mode. LRCLK_OUT0 and
BCLK_OUT0 are clocks for Serial Output Ports 0 to 7, and
LRCLK_OUT1 and BCLK_OUT1 Clock Ports 8 to 15.
All registers default to being set as all 0s. All register settings
apply to both master and slave modes unless otherwise noted.
Table 32 shows the proper configurations for standard audio
data formats.
Table 31 Serial Output Port Master/Slave Mode Capabilities
fs
2-Channel Modes (I2S, Left-Justified, Right-Justified)
8-Channel TDM
16-Channel TDM
48 kHz
Master and slave
Master and slave
Master and slave
96 kHz
Master and slave
Master and slave
Slave only
192 kHz
Master and slave
Slave only
Slave only
Table 32. Data Format Configurations
Format
LRCLK Polarity
LRCLK Type
BCLK Polarity
MSB Position
I2S (Figure 18)
Frame begins on
falling edge
Clock
Data changes on falling edge
Delayed from LRCLK edge by one BCLK
Left-Justified
(Figure 19)
Frame begins on
rising edge
Clock
Data changes on falling edge
Aligned with LRCLK edge
Right-Justified
(Figure 20)
Frame begins on
rising edge
Clock
Data changes on falling edge
Delayed from LRCLK edge by 8, 12, or 16 BCLKs
TDM with Clock
(Figure 21)
Frame begins on
falling edge
Clock
Data changes on falling edge
Delayed from start of word clock by one BCLK
TDM with Pulse
(Figure 22)
Frame begins on
rising edge
Pulse
Data changes on falling edge
Delayed from start of word clock by one BCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com