Electronic Components Datasheet Search
  English  ▼

X  

1709136 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1709136
Description  Electric pressure regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1709136 Datasheet(HTML) 1 Page - Festo Corporation.

  1709136 Datasheet HTML 1Page - Festo Corporation. 1709136 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electric pressure regulator
PREL-90-HP3-A4-A-20CFX-S1-4
Part number: 1709136
Data sheet
Feature
Value
Size
90
Nominal width DN
24
Series
L
Mounting position
Vertical
Actuation type
Electrical
Structural design
Electrically adjustable pressure regulator
Controller function
Outlet pressure constant
With primary pressure compensation
With secondary exhausting
Symbol
00995417
Operating pressure
0 MPa ... 5 MPa
Operating pressure
0 bar ... 50 bar
Pressure regulation range
0.5 bar ... 20 bar
Nominal operating voltage DC
24 V
Analog output signal range
4 - 20 mA
Analog input signal range
4 - 20 mA
Setpoint/actual values
Current type 4–20 mA
Certification
Special Equipment Type Test Certification
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS conformity
VDMA24364 zone III
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Temperature of medium
5 °C ... 50 °C
Ambient temperature
5 °C ... 50 °C
Product weight
6100 g
Electrical connection IN
Plug, M12, 5-pin, A-coded
Electrical connection OUT
Plug, M12, 5-pin, A-coded
Type of mounting
Optionally:
On service unit
With accessories
Pneumatic connection 1
G1
Pneumatic connection 11
G1/4
Pneumatic connection 2
G1
Pneumatic connection 22
G¼
Pneumatic connection 3
G1
3/23/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 1709136

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170913 FESTO-170913 Datasheet
93Kb / 2P
Guided actuator
1709130 FESTO-1709130 Datasheet
90Kb / 2P
Electric pressure regulator
3/23/22
logo
PHOENIX CONTACT
1709131 PHOENIX-1709131 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/11-ST-7,62
logo
Festo Corporation.
1709131 FESTO-1709131 Datasheet
91Kb / 2P
Electric pressure regulator
3/23/22
1709132 FESTO-1709132 Datasheet
91Kb / 2P
Electric pressure regulator
3/23/22
More results

Similar Description - 1709136

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
535362 FESTO-535362 Datasheet
91Kb / 2P
Electric pressure regulator
3/18/22
535364 FESTO-535364 Datasheet
91Kb / 2P
Electric pressure regulator
3/18/22
536505 FESTO-536505 Datasheet
91Kb / 2P
Electric pressure regulator
3/18/22
536550 FESTO-536550 Datasheet
91Kb / 2P
Electric pressure regulator
3/18/22
536506 FESTO-536506 Datasheet
91Kb / 2P
Electric pressure regulator
3/22/22
536516 FESTO-536516 Datasheet
92Kb / 2P
Electric pressure regulator
3/22/22
536528 FESTO-536528 Datasheet
92Kb / 2P
Electric pressure regulator
3/22/22
536534 FESTO-536534 Datasheet
92Kb / 2P
Electric pressure regulator
3/22/22
1709132 FESTO-1709132 Datasheet
91Kb / 2P
Electric pressure regulator
3/23/22
1709134 FESTO-1709134 Datasheet
91Kb / 2P
Electric pressure regulator
3/23/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com