Electronic Components Datasheet Search
  English  ▼

X  

ICS951411 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS951411
Description  System Clock Chip for ATI RS400 P4TM-based Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951411 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS951411 Datasheet HTML 6Page - Integrated Circuit Systems ICS951411 Datasheet HTML 7Page - Integrated Circuit Systems ICS951411 Datasheet HTML 8Page - Integrated Circuit Systems ICS951411 Datasheet HTML 9Page - Integrated Circuit Systems ICS951411 Datasheet HTML 10Page - Integrated Circuit Systems ICS951411 Datasheet HTML 11Page - Integrated Circuit Systems ICS951411 Datasheet HTML 12Page - Integrated Circuit Systems ICS951411 Datasheet HTML 13Page - Integrated Circuit Systems ICS951411 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS951411
0891E—03/07/05
SMBus Table: Device ID Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
DevID 7
Device ID MSB
R
-
-
0
Bit 6
DevID 6
Device ID 6
R
-
-
0
Bit 5
DevID 5
Device ID 5
R
-
-
0
Bit 4
DevID 4
Device ID4
R
-
-
1
Bit 3
DevID 3
Device ID3
R
-
-
0
Bit 2
DevID 2
Device ID2
R
-
-
0
Bit 1
DevID 1
Device ID1
R
-
-
1
Bit 0
DevID 0
Device ID LSB
R
-
-
1
SMBus Table: Vendor ID Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
RID3
R
-
-
X
Bit 6
RID2
R
-
-
X
Bit 5
RID1
R
-
-
X
Bit 4
RID0
R
-
-
X
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBus Table: Byte Count Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
1
Bytes 9 through 21 are reserved
Byte 6
-
-
-
-
-
-
-
-
Byte 8
-
-
-
Byte 7
-
Revision ID
Starts at 0 hex for A
revsion.
-
VENDOR ID
(0001 = ICS)
-
-
-
Writing to this register will
configure how many bytes
will be read back, default
is 9 bytes.
-
-
-
-
-
-
-
-
Byte Count Programming
b(7:0)
Test Clarification Table
Comments
HW
TEST_SEL/REF2
HW PIN
OUTPUT
<0.8V
NORMAL
>2.0V
HI-Z
1. Power-up w/ TEST_SEL/REF2 > 2.0V to enter test mode.
2. Cycle power to disable test mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com