Electronic Components Datasheet Search
  English  ▼

X  

LM4682 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4682
Description  10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4682 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4682 Datasheet HTML 11Page - National Semiconductor (TI) LM4682 Datasheet HTML 12Page - National Semiconductor (TI) LM4682 Datasheet HTML 13Page - National Semiconductor (TI) LM4682 Datasheet HTML 14Page - National Semiconductor (TI) LM4682 Datasheet HTML 15Page - National Semiconductor (TI) LM4682 Datasheet HTML 16Page - National Semiconductor (TI) LM4682 Datasheet HTML 17Page - National Semiconductor (TI) LM4682 Datasheet HTML 18Page - National Semiconductor (TI) LM4682 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
General Features (Continued)
TABLE 2. Volume Control Table
Step
Voltage Range (% of VOLVDD)
Voltage Range (V), VOLVDD = 5V
Low (%)
High (%)
Recommended (%)
Low (%)
High (%)
Recommended (%)
1
77.50%
100.00%
100.000%
3.875
5.000
5.000
2
75.00%
78.50%
76.875%
3.750
3.925
3.844
3
72.50%
76.25%
74.375%
3.625
3.813
3.719
4
70.00%
73.75%
71.875%
3.500
3.688
3.594
5
67.50%
71.25%
69.375%
3.375
3.563
3.469
6
65.00%
68.75%
66.875%
3.250
3.438
3.344
7
62.50%
66.25%
64.375%
3.125
3.313
3.219
8
60.00%
63.75%
61.875%
3.000
3.188
3.094
9
57.50%
61.25%
59.375%
2.875
3.063
2.969
10
55.00%
58.75%
56.785%
2.750
2.983
2.844
11
52.50%
56.25%
54.375%
2.625
2.813
2.719
12
50.00%
53.75%
51.875%
2.500
2.688
2.594
13
47.50%
51.25%
49.375%
2.375
2.563
2.469
14
45.00%
48.75%
46.875%
2.250
2.438
2.344
15
42.50%
46.25%
44.375%
2.125
2.313
2.219
16
40.00%
43.75%
41.875%
2.000
2.188
2.094
17
37.50%
41.25%
39.375%
1.875
2.063
1.969
18
35.00%
38.75%
36.875%
1.750
1.938
1.844
19
32.50%
36.25%
34.375%
1.625
1.813
1.719
20
30.00%
33.75%
31.875%
1.500
1.688
1.594
21
27.50%
31.25%
29.375%
1.375
1.563
1.469
22
25.00%
28.75%
26.875%
1.250
1.438
1.344
23
22.50%
26.25%
24.375%
1.125
1.313
1.219
24
20.00%
23.75%
21.875%
1.000
1.188
1.094
25
17.50%
21.25%
19.375%
0.875
1.063
0.969
26
15.00%
18.75%
16.875%
0.750
0.938
0.844
27
12.50%
16.25%
14.375%
0.625
0.813
0.719
28
10.00%
13.75%
11.875%
0.500
0.688
0.594
29
7.50%
11.25%
9.375%
0.375
0.563
0.469
30
5.00%
8.75%
6.875%
0.250
0.438
0.344
31
0.00%
6.25%
0.000%
0.000
0.313
0.000
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com