Electronic Components Datasheet Search
  English  ▼

X  

MAX14917 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14917
Description  Industrial Octal High-Side Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14917 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14917 Datasheet HTML 1Page - Maxim Integrated Products MAX14917 Datasheet HTML 2Page - Maxim Integrated Products MAX14917 Datasheet HTML 3Page - Maxim Integrated Products MAX14917 Datasheet HTML 4Page - Maxim Integrated Products MAX14917 Datasheet HTML 5Page - Maxim Integrated Products MAX14917 Datasheet HTML 6Page - Maxim Integrated Products MAX14917 Datasheet HTML 7Page - Maxim Integrated Products MAX14917 Datasheet HTML 8Page - Maxim Integrated Products MAX14917 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical Characteristics (continued)
(VDD = +10V to +36V, VLED = +3.0V to 36V, VA = +3.0V to +5.5V, VL = +2.5V to +5.5V, TA = -40°C to +125°C, unless otherwise noted.
Typical values are at VDD = VLED = 24V, VA = 3.3V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Good Fall
Threshold
VDD_GOOD_F VDD falling
15
V
VDD Good Hysteresis
VDD_GOOD_H
0.4
V
VDD POR Rise
Threshold
VDD_POR_R
VDD rising
6.8
V
VDD POR Falling
Threshold
VDD_POR_F
VDD falling
5.6
V
VA Supply Voltage
VA
When VA is supplied externally; REGEN
= GND.
3.0
5.5
V
VA Supply Current
IVA
EN = high, OUT_ are turned on, no load,
no LEDs connected
0.5
0.85
mA
VA Undervoltage
Lockout Threshold
VA_UV
VDD = 24V, VA rising
2.45
2.9
V
VA Undervoltage
Lockout Hysteresis
VA_UVHYST
VDD = 24V
0.1
V
VL Supply Voltage
VL
2.5
5.5
V
VL Supply Current
IVL
All logic inputs high or low
13
34
µA
VL POR Threshold
VVL_POR
VL falling
0.87
1.32
1.5
V
DC Characteristics / SWITCH OUTPUTs (OUT_)
On-Resistance
ROUT_HS
IOUT_ = -600mA
120
250
mΩ
Current Limit
ILIM
0.7
1
1.3
A
Off Leakage Current
ILKG
Switch off, OUT_ = 0V
-10
+10
µA
DC Characteristics / LINEAR REGULATOR
Output Voltage
VA
REGEN open, CLOAD = 1μF, 0mA < IVA
< 20mA
3.0
3.3
3.6
V
Current Limit
ICL_VA
REGEN open
25
mA
Short Current
ISHRT_VA
REGEN open, VA = 0V
60
mA
REGEN Threshold
VTREGEN
0.2
V
REGEN Leakage
Current
ILK_REGEN
REGEN = 0V
-50
μA
DC Characteristics / LOGIC I/O
Input Voltage High
VIH
0.7 x VL
V
Input Voltage Low
VIL
0.3 x VL
V
Input Threshold
Hysteresis
VIHYS
0.11 x
VL
V
Input Pulldown Resistor
RIN_PD
All logic input pins except SYNCH and
CS
200
kΩ
Input Pullup Resistor
RIN_PU
SYNCH and CS
200
kΩ
Output Logic-High
(SDO)
VOH
ILOAD = -5mA
VL - 0.6
V
Output Logic-Low
VOL
ILOAD = +5mA
0.33
V
MAX14917
Industrial Octal High-Side Switch
www.maximintegrated.com
19-100741
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com